Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 5Page - STMicroelectronics LED6000 Datasheet HTML 6Page - STMicroelectronics LED6000 Datasheet HTML 7Page - STMicroelectronics LED6000 Datasheet HTML 8Page - STMicroelectronics LED6000 Datasheet HTML 9Page - STMicroelectronics LED6000 Datasheet HTML 10Page - STMicroelectronics LED6000 Datasheet HTML 11Page - STMicroelectronics LED6000 Datasheet HTML 12Page - STMicroelectronics LED6000 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
DocID027777 Rev 2
9/49
LED6000
Electrical characteristics
49
IQOPVIN
Quiescent current from VIN
and VCC
LX floating, VFB = 1 V,
VBIAS = 3.3 V, FSW floating
0.9
1.4
mA
IQOPVBIAS
Quiescent current from
VBIAS
1.5
2.4
mA
Enable
VENL
Device OFF level
0.06
0.30
V
VENH
Device ON level
0.35
0.90
V
Soft-start
TSSSETUP Soft-start setup time
Delay from UVLO rising to switching
activity
(3)
640
s
ISSCH
CSS charging current
VSS = GND
4.3
5.0
5.7
A
Error amplifier
VFB
Voltage feedback
0.242
0.250 0.258
V
(1)
0.240
0.250 0.260
V
VCOMPH
VFB = GND; VSS = 3.2 V
3.20
3.35
3.50
V
VCOMPL
VFB = 3.2 V; VSS = 3.2 V
0.1
V
IFB
FB biasing current
VFB = 3.6 V
5
50
nA
IOSOURCE
VFB = GND; SS pin floating;
VCOMP = 2 V
(3)
3.1
mA
IOSINK
Output stage sinking
capability
Unity gain buffer configuration (FB
connected to COMP). No load on
COMP pin.
(3)
5mA
AV0
Error amplifier gain
(3)
100
dB
GBWP
Unity gain buffer configuration (FB
connected to COMP). No load on
COMP pin.
(3)
23
MHz
Synchronization (fan out: 5 slave devices max.)
fSYN MIN Synchronization frequency
Pin FSW floating
280
kHz
VSYNOUT Master output amplitude
ILOAD = 4 mA
2.45
V
ILOAD = 0 A; pin SYNCH floating
3.8
VSYNOW Output pulse width
ILOAD = 0 A; pin SYNCH floating
150
215
280
ns
VSYNIH
SYNCH slave high level
input threshold
2.0
V
VSYNIL
SYNCH slave low level
input threshold
1.0
ISYN
Slave SYNCH pull-down
current
VSYNCH = 5 V
450
700
950
A
VSYNIW Input pulse width
150
ns
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com