Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 12Page - STMicroelectronics LED6000 Datasheet HTML 13Page - STMicroelectronics LED6000 Datasheet HTML 14Page - STMicroelectronics LED6000 Datasheet HTML 15Page - STMicroelectronics LED6000 Datasheet HTML 16Page - STMicroelectronics LED6000 Datasheet HTML 17Page - STMicroelectronics LED6000 Datasheet HTML 18Page - STMicroelectronics LED6000 Datasheet HTML 19Page - STMicroelectronics LED6000 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Functional description
LED6000
16/49
DocID027777 Rev 2
4.3
Digital dimming
The switching activity is inhibited as long as the DIM pin is kept below the VDIML threshold.
When the DIM is asserted low, the HS MOS is turned-off as soon as the minimum on-time is
expired and the COMP pin is parked close to the maximum ramp peak value, in order to
limit the input inrush current when the IC restarts the switching activity. The internal
oscillator and, consequently, the IC quiescent current are reduced only if the DIM is kept low
for more than TDIMTO timeout.
The inductor current dynamic performance, when dimming input goes high, depends on the
designed system response. The best dimming performance is obtained by maximizing the
bandwidth and phase margin, when possible.
As a general rule, the output capacitor minimization improves dimming performance in
terms of the shorter LEDs current rising time and reduced inductor peak current.
An oversized output capacitor value requires an extra current for the fast charge so
generating an inductor current overshoot and oscillations.
Refer also to Section 5.2 on page 25 for output capacitor design hints.
The dimming performance depends on the current pulse shape specification of the final
application.
Figure 8. Dimming operation
The ideal current pulse has rectangular shape; however, in any case it degenerates into
a trapezoid or, at worst, into a triangle, depending on the ratio (tRISE + tFALL)/ TLED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com