Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 26 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 22Page - STMicroelectronics LED6000 Datasheet HTML 23Page - STMicroelectronics LED6000 Datasheet HTML 24Page - STMicroelectronics LED6000 Datasheet HTML 25Page - STMicroelectronics LED6000 Datasheet HTML 26Page - STMicroelectronics LED6000 Datasheet HTML 27Page - STMicroelectronics LED6000 Datasheet HTML 28Page - STMicroelectronics LED6000 Datasheet HTML 29Page - STMicroelectronics LED6000 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Application notes - step-down conversion
LED6000
26/49
DocID027777 Rev 2
Figure 15. LEDs small signal model
Based on the small signal model typically adopted for LEDs (as shown in Figure 15), the
amount of the inductor current ripple which flows through the LEDs can be estimated by the
following equation:
Equation 10
The typical LED dynamic resistance, for high current LEDs, is about 0.9
 to 1 .
The output capacitor, CO, is typically an MLCC ceramic capacitor in the range of 1 µF and
with equivalent series resistance lower than 10 m
, as a consequence the zero due to the
time constant CO * RES is in the range of 10 MHz or above.
Starting from Equation 10 it's possible to roughly estimate the required CO value:
Equation 11
In the above equation it has been assumed that the total inductor current ripple is well
approximated by the first Fourier harmonic, 8/
2 * IL,PP, due to the inductor current
triangular shape.
The inductance value fixes the current ripple flowing through the output capacitor and LEDs.
So the minimum inductance value, in order to have the expected current ripple, must be
selected.
The rule to fix the current ripple value is to have a ripple at 30% - 60% of the programmed
LEDs current.
In the continuous conduction mode (CCM), the required inductance value can be calculated
by Equation 12.



d
SNS
ES
O
ES
O
L
LED
R
N
R
R
sC
R
sC
s
I
s
I
1
1

PP
LED
d
SNS
SW
PP
L
O
I
R
N
R
f
I
C
,
,
2
2
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com