Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 6Page - STMicroelectronics LED6000 Datasheet HTML 7Page - STMicroelectronics LED6000 Datasheet HTML 8Page - STMicroelectronics LED6000 Datasheet HTML 9Page - STMicroelectronics LED6000 Datasheet HTML 10Page - STMicroelectronics LED6000 Datasheet HTML 11Page - STMicroelectronics LED6000 Datasheet HTML 12Page - STMicroelectronics LED6000 Datasheet HTML 13Page - STMicroelectronics LED6000 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Electrical characteristics
LED6000
10/49
DocID027777 Rev 2
Dimming
VDIMH
DIM rising threshold
1.23
1.7
V
VDIML
DIM falling threshold
0.75
1.00
V
VDIMPD DIM pull-down current
VDIM = 2 V
0.5
1.5
2.5
A
TDIMTO
Dimming timeout
(3)
42
ms
Thermal shutdown
TSHDWN
Thermal shutdown
temperature
(3)
170
°C
THYS
Thermal shutdown
hysteresis
(3)
15
°C
1. Specifications referred to TJ from -40 to +125 °C. Specifications in the -40 to +125 °C temperature range are assured by
design, characterization and statistical correlation.
2. Parameter tested in static condition during testing phase. Parameter value may change over dynamic application condition.
3. Not tested in production.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com