Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 1 Page - STMicroelectronics

  LED6000 Datasheet HTML 1Page - STMicroelectronics LED6000 Datasheet HTML 2Page - STMicroelectronics LED6000 Datasheet HTML 3Page - STMicroelectronics LED6000 Datasheet HTML 4Page - STMicroelectronics LED6000 Datasheet HTML 5Page - STMicroelectronics LED6000 Datasheet HTML 6Page - STMicroelectronics LED6000 Datasheet HTML 7Page - STMicroelectronics LED6000 Datasheet HTML 8Page - STMicroelectronics LED6000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
This is information on a product in full production.
May 2015
DocID027777 Rev 2
1/49
LED6000
3 A, 61 V monolithic current source with dimming capability
Datasheet
- production data
Features
 Up to 3 A DC output current
 4.5 V to 61 V operating input voltage
 RDS,ON = 250 m typ.
 Adjustable fSW (250 kHz - 1.5 MHz)
 Dimming function with dedicated pin
 Low IQ shutdown (10 µA typ. from VIN)
 Low IQ operating (2.4 mA typ.)
 ± 3% output current accuracy
 Synchronization
 Enable with dedicated pin
 Adjustable soft-start time
 Adjustable current limitation
 Low dropout operation (12 µs max.)
 VBIAS improves efficiency at light-load
 Output voltage sequencing
 Auto recovery thermal shutdown
 MLCC output capacitor
Applications
 HB LED driving applications
 Halogen bulb replacement
Description
The LED6000 is a step-down monolithic switching
regulator designed to source up to 3 A DC current
for high power LED driving. The 250 mV typical
RSENSE voltage drop enhances the efficiency.
Digital dimming is implemented by driving the
dedicated DIM pin.
The adjustable current limitation, designed to
select the inductor RMS in accordance with the
nominal output LED current, and the adjustability
of the switching frequency allow the size of the
application to be compact. The embedded
switchover feature on the VBIAS pin maximizes
efficiency. Multiple devices can be synchronized
by sharing the SYNCH pin to prevent beating
noise in low-noise applications, and to reduce the
input current RMS value.
The device is fully protected against overheating,
overcurrent and output short-circuit.
The LED6000 is available in an HTSSOP16
exposed pad package.
Figure 1. Application schematic
HTSSOP16 (RTH = 40 °C)
www.st.com


Similar Part No. - LED6000

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED600-03 ROITHNER-LED600-03 Datasheet
505Kb / 3P
orange light emitting diode
logo
STMicroelectronics
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
PWM-dimmable single channel LED driver with integrated boost controlle
26-Jun-2014
LED6001TR STMICROELECTRONICS-LED6001TR Datasheet
559Kb / 26P
PWM-dimmable single channel LED driver with integrated boost controlle
26-Jun-2014
More results

Similar Description - LED6000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR430 AD-ADR430 Datasheet
868Kb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
9/04-Data Sheet Changed from Rev. A to Rev. B
logo
Richtek Technology Corp...
RT9302 RICHTEK-RT9302 Datasheet
124Kb / 9P
60mA 3-Channel Pulse Dimming Current Source LED Driver
logo
Analog Devices
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
logo
Richtek Technology Corp...
RT9302 RICHTEK-RT9302_11 Datasheet
128Kb / 9P
60mA 3-Channel Pulse Dimming Current Source LED Driver
logo
STMicroelectronics
LED5000 STMICROELECTRONICS-LED5000 Datasheet
1Mb / 52P
3 A monolithic step-down current source with dimming capability
31-Jan-2013
ST1CC40 STMICROELECTRONICS-ST1CC40 Datasheet
1Mb / 37P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
logo
Analog Devices
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
logo
STMicroelectronics
LED2000 STMICROELECTRONICS-LED2000 Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
LED2001PHR STMICROELECTRONICS-LED2001PHR Datasheet
2Mb / 42P
4 A monolithic step-down current source with synchronous rectification
May 2013 Rev 1
A7987 STMICROELECTRONICS-A7987 Datasheet
2Mb / 36P
61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
22-Sep-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com