Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 21Page - STMicroelectronics LED6000 Datasheet HTML 22Page - STMicroelectronics LED6000 Datasheet HTML 23Page - STMicroelectronics LED6000 Datasheet HTML 24Page - STMicroelectronics LED6000 Datasheet HTML 25Page - STMicroelectronics LED6000 Datasheet HTML 26Page - STMicroelectronics LED6000 Datasheet HTML 27Page - STMicroelectronics LED6000 Datasheet HTML 28Page - STMicroelectronics LED6000 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
DocID027777 Rev 2
25/49
LED6000
Application notes - step-down conversion
49
Different capacitors can be considered:
Electrolytic capacitors
These are the most commonly used due to their low cost and wide range of operative
voltage. The only drawback is that, considering ripple current rating requirements, they are
physically larger than other capacitors.
Ceramic capacitors
If available for the required value and voltage rating, these capacitors usually have a higher
RMS current rating for a given physical dimension (due to the very low ESR). The drawback
is their high cost.
Tantalum capacitor
Small, good quality tantalum capacitors with very low ESR are becoming more available.
However, they can occasionally burn if subjected to a very high current, for example when
they are connected to the power supply.
The amount of the input voltage ripple can be roughly overestimated by Equation 9.
Equation 9
In case of MLCC ceramic input capacitors, the equivalent series resistance (RES,IN) is
negligible.
In addition to the above considerations, a ceramic capacitor with an appropriate voltage
rating and with a value 1 µF or higher should always be placed across VIN and power
ground and across VCC and the IC GND pins, as close as possible to the LED6000 device.
This solution is necessary for spike filtering purposes.
5.2
Output capacitor and inductor selection
The output capacitor is very important in order to satisfy the output voltage ripple
requirement. Using a small inductor value is useful to reduce the size of the choke but
increases the current ripple. So, to reduce the output voltage ripple, a low ESR capacitor is
required.
The current in the output capacitor has a triangular waveform which generates a voltage
ripple across it. This ripple is due to the capacitive component (charge and discharge of the
output capacitor) and the resistive component (due to the voltage drop across its ESR). So
the output capacitor must be selected in order to have a voltage ripple compliant with the
application requirements.
The allowed LED current ripple (
ILED,PP) is typically from 2% to 5% of the LED DC current.

OUT
IN
ES
SW
IN
OUT
PP
IN
I
R
F
C
I
D
D
V
,
,
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com