Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 31 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 27Page - STMicroelectronics LED6000 Datasheet HTML 28Page - STMicroelectronics LED6000 Datasheet HTML 29Page - STMicroelectronics LED6000 Datasheet HTML 30Page - STMicroelectronics LED6000 Datasheet HTML 31Page - STMicroelectronics LED6000 Datasheet HTML 32Page - STMicroelectronics LED6000 Datasheet HTML 33Page - STMicroelectronics LED6000 Datasheet HTML 34Page - STMicroelectronics LED6000 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
DocID027777 Rev 2
31/49
LED6000
Application notes - step-down conversion
49
Equation 24
where TRISE and TFALL are the overlap times of the voltage across the power switch (VDS)
and the current flowing into it during turn ON and turn OFF phases. TTR is the equivalent
switching time. For this device the typical value for the equivalent switching time is 40 ns.
Quiescent current losses, calculated as:
Equation 25
where IQOPVIN and IQOPVBIAS are the LED6000 quiescent current in case of the separate
bias supply. If the switchover feature is not used, the IC quiescent current is the only one
from VIN, IQUIESC, as summarized inTable 5 on page 8.
The junction temperature TJ can be calculated as:
Equation 26
where TA is the ambient temperature and PTOT is the sum of the power losses just seen.
RthJA is the equivalent thermal resistance junction to ambient of the device; it can be
calculated as the parallel of many paths of heat conduction from the junction to the ambient.
For this device the path through the exposed pad is the one conducting the largest amount
of heat. The RthJA, measured on the demonstration board described in the following
paragraph, is about 40 °C/W for the HTSSOP16 package.
5.5
Layout considerations
The PCB layout of the switching DC/DC regulators is very important to minimize the noise
injected in high impedance nodes and interference generated by the high switching current
loops. Two separated ground areas must be considered: the signal ground and the power
ground.
In a step-down converter the input loop (including the input capacitor, the power MOSFET
and the freewheeling diode) is the most critical one. This is due to the fact that high value
pulsed currents are flowing through it. In order to minimize the EMI, this loop must be as
short as possible. The input loop, including also the output capacitor, must be referred to the
power ground. All the other components are referred to the signal ground.
The feedback pin (FB) connection to the external current sensing resistor is a high
impedance node, so the interference can be minimized by placing the routing of the
feedback node as far as possible from the high current paths. To reduce the pick-up noise,
the compensation network involving FB and COMP pins should be placed very close to the
device.
To filter the high frequency noise, a small bypass capacitor (1
F or higher) must be added
as close as possible to the input voltage pin of the device, for both VIN and VCC pins.
Thanks to the exposed pad of the device, the ground plane helps to reduce the junction to
ambient thermal resistance; so a wide ground plane enhances the thermal performance of
the converter, allowing high power conversion.

SW
TR
OUT
IN
SW
FALL
RISE
OUT
IN
SW
HS
f
T
I
V
f
T
T
I
V
P
2
,
QOPVBIAS
BIAS
QOPVIN
IN
Q
I
V
I
V
P
TOT
JA
th
A
J
P
R
T
T
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com