Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 39 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 35Page - STMicroelectronics LED6000 Datasheet HTML 36Page - STMicroelectronics LED6000 Datasheet HTML 37Page - STMicroelectronics LED6000 Datasheet HTML 38Page - STMicroelectronics LED6000 Datasheet HTML 39Page - STMicroelectronics LED6000 Datasheet HTML 40Page - STMicroelectronics LED6000 Datasheet HTML 41Page - STMicroelectronics LED6000 Datasheet HTML 42Page - STMicroelectronics LED6000 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
DocID027777 Rev 2
39/49
LED6000
Application notes - alternative topologies
49
The main drawback of this topology, compared to inverting buck-boost, is the slightly lower
efficiency. In the positive buck-boost Equation 27 on page 35 is not applied, so the
maximum input voltage is the maximum operating input voltage for the LED6000, as shown
in Table 5 on page 8. In addition, the maximum output voltage can be higher than 61 V,
assuming that the external MOS FET and Schottky diode are properly rated.
The other considerations summarized in Section 6.1 on page 35 are also applied to this
topology.
Figure 27 shows the schematic circuit for an LED current source based on positive buck-
boost topology. The input voltage ranges from 24 to 54 V and it can drive a string composed
of 14 LEDs with 0.55 A DC.
Figure 27. Positive buck-boost schematic
This schematic also includes two additional circuitry:
A level shifter / clamping network for safe MOS driving and protection;
An external overvoltage protection which avoids the IC damage in case of the LED
open row fault. This function is implemented by a Zener diode, D3, R7 and the sensing
resistor, RSNS = R13.
In case the LED string is disconnected the maximum output voltage is given by:
Equation 33
3
,
D
FB
MAX
OUT
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com