Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 14Page - STMicroelectronics LED6000 Datasheet HTML 15Page - STMicroelectronics LED6000 Datasheet HTML 16Page - STMicroelectronics LED6000 Datasheet HTML 17Page - STMicroelectronics LED6000 Datasheet HTML 18Page - STMicroelectronics LED6000 Datasheet HTML 19Page - STMicroelectronics LED6000 Datasheet HTML 20Page - STMicroelectronics LED6000 Datasheet HTML 21Page - STMicroelectronics LED6000 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Functional description
LED6000
18/49
DocID027777 Rev 2
In Figure 11 a very short DIM pulse is shown, measured in the standard demonstration
board, VIN = 44 V, 12 LEDs. The programmed LED current, 1 A, is reached at the end of the
DIM pulse (35 µs).
Figure 11. Dimming operation - short DIM pulse
The above consideration is crucial when short DIM pulses are expected in the final
application. Once the external power components and the compensation network are
selected, a direct measurement to determine tRISE and tFALL is necessary to certify the
achieved dimming performance.
When the DIM is forced above the VDIMH threshold after TDIMTO has elapsed, a new soft-
start sequence is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com