Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 11Page - STMicroelectronics LED6000 Datasheet HTML 12Page - STMicroelectronics LED6000 Datasheet HTML 13Page - STMicroelectronics LED6000 Datasheet HTML 14Page - STMicroelectronics LED6000 Datasheet HTML 15Page - STMicroelectronics LED6000 Datasheet HTML 16Page - STMicroelectronics LED6000 Datasheet HTML 17Page - STMicroelectronics LED6000 Datasheet HTML 18Page - STMicroelectronics LED6000 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
DocID027777 Rev 2
15/49
LED6000
Functional description
49
4.2
Soft-start
The soft-start is essential to assure a correct and safe startup of the step-down converter. It
avoids an inrush current surge and makes the output voltage to increase monotonically.
The soft-start is performed as soon as the EN and DIM pin are asserted high; when this
occurs, an external capacitor, connected between the SS pin and ground, is charged by
a constant current (5 µA typ.). The SS voltage is used as reference of the switching
regulator and the output voltage of the converter tracks the ramp of the SS voltage. When
the SS pin voltage reaches the 0.25 V level, the error amplifier switches to the internal
0.25 V reference to regulate the output voltage.
Figure 7. Soft-start
During the soft-start period the current limit is set to the nominal value.
The dVSS/dt slope is programmed in agreement with Equation 2:
Equation 2
Before starting the CSS capacitor charge, the soft-start circuitry turns-on the discharge
switch shown in Figure 7 for TSSDISCH minimum time, in order to completely discharge the
CSS capacitor.
As a consequence, the maximum value for the soft-start capacitor, which assures an almost
complete discharge in case of the EN signal toggle, is provided by:
Equation 3
given TSSDISCH = 530 µs and RSSDISCH = 380  typical values.
The enable feature allows to put the device into the standby mode. With the EN pin lower
than VENL the device is disabled and the power consumption is reduced to 10 A (typ.). If
the EN pin is higher than VENH, the device is enabled. If the EN pin is left floating, an internal
pull-down current ensures that the voltage at the pin reaches the inhibit threshold and the
device is disabled. The pin is also VCC compatible.
V
T
A
V
T
I
C
SS
REF
SS
SS
SS
25
.
0
5
nF
R
T
C
SSDISCH
SSDISCH
MAX
SS
270
5
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com