Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 17Page - STMicroelectronics LED6000 Datasheet HTML 18Page - STMicroelectronics LED6000 Datasheet HTML 19Page - STMicroelectronics LED6000 Datasheet HTML 20Page - STMicroelectronics LED6000 Datasheet HTML 21Page - STMicroelectronics LED6000 Datasheet HTML 22Page - STMicroelectronics LED6000 Datasheet HTML 23Page - STMicroelectronics LED6000 Datasheet HTML 24Page - STMicroelectronics LED6000 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
DocID027777 Rev 2
21/49
LED6000
Functional description
49
4.6
Overcurrent protection
The LED6000 implements overcurrent protection by sensing the current flowing through the
power MOSFET. Due to the noise created by the switching activity of the power MOSFET,
the current sensing circuitry is disabled during the initial phase of the conduction time. This
avoids erroneous detection of fault condition. This interval is generally known as “masking
time” or “blanking time”. The masking time is about 120 ns.
If the overcurrent limit is reached, the power MOSFET is turned off implementing pulse by
pulse overcurrent protection. In the overcurrent condition, the device can skip turn-on pulses
in order to keep the output current constant and equal to the current limit. If, at the end of the
“masking time”, the current is higher than the overcurrent threshold, the power MOSFET is
turned off and one pulse is skipped. If, at the following switching on, when the “masking
time” ends, the current is still higher than the overcurrent threshold, the device skips two
pulses. This mechanism is repeated and the device can skip up to seven pulses (refer to
Figure 13).
If at the end of the “masking time” the current is lower than the overcurrent threshold, the
number of skipped cycles is decreased by one unit.
As a consequence, the overcurrent protection acts by turning off the power MOSFET and
reducing the switching frequency down to one eighth of the default switching frequency, in
order to keep constant the output current close to the current limit.
Figure 13. OCP and frequency scaling
This kind of overcurrent protection is effective if the inductor can be completely discharged
during HS MOS turn-off time, in order to avoid the inductor current to run away. In case of
the output short-circuit the maximum switching frequency can be computed by the following
equation:
Equation 4


MIN
ON
LIM
DCR
ON
IN
LIM
DCR
F
MAX
SW
T
I
R
R
V
I
R
V
F
,
,
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com