Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 4Page - STMicroelectronics LED6000 Datasheet HTML 5Page - STMicroelectronics LED6000 Datasheet HTML 6Page - STMicroelectronics LED6000 Datasheet HTML 7Page - STMicroelectronics LED6000 Datasheet HTML 8Page - STMicroelectronics LED6000 Datasheet HTML 9Page - STMicroelectronics LED6000 Datasheet HTML 10Page - STMicroelectronics LED6000 Datasheet HTML 11Page - STMicroelectronics LED6000 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Electrical characteristics
LED6000
8/49
DocID027777 Rev 2
3
Electrical characteristics
All the population tested at TJ = 25 °C, VIN = VCC = 24 V, VBIAS = GND, VDIM = VEN = 3 V
and RILIM = N. M. unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
VIN
Operating input voltage
range
(1)
4.5
61
V
RDSON HS High-side RDSON
ILX = 0.5 A
0.25
0.32
ILX = 0.5 A
(1)
0.25
0.42
fSW
Switching frequency
FSW pin floating;
233
250
267
kHz
FSW pin floating
(1)
225
250
275
kHz
Selected switching
frequency
RFSW = 10 k
1350
1500
1650 kHz
IPK
Peak current limit
ILIM pin floating; VFB = 0.2 V
(2)
3.5
4.1
4.7
A
Selected peak current limit
RILIM = 100 k; VFB = 0.2 V
(2)
0.68
0.85
1.01
A
ISKIP
Pulse skipping peak current
ILIM pin floating
(2)
0.40
A
RILIM = 100 k
(2)
0.15
A
TONMIN Minimum on-time
120
150
ns
TONMAX Maximum on-time
Refer to Section 4: Functional
description for TONMAX details.
12
s
TOFFMIN Minimum off-time
(3)
360
ns
VCC / VBIAS
VCCH
VCC UVLO rising threshold
(1)
3.85
4.10
4.30
V
VCCHYST VCC UVLO hysteresis
(1)
160
250
340
mV
SWO
VBIAS threshold
Switch internal supply from VCC to
VBIAS. VBIAS ramping up from 0 V.
(1)
2.82
2.90
2.98
V
Hysteresis
(3)
80
mV
VCC -VBIAS threshold
Switch internal supply from VCC to
VBIAS. VIN = VCC = 24 V, VBIAS falling
from 24 V to GND.
(1)
3.35
4.05
4.90
V
Hysteresis
(3)
750
mV
Power consumption
ISHTDWN Shutdown current from VIN VEN = GND
10
15
A
IQUIESC
Quiescent current from VIN
and VCC
LX floating, VFB = 1 V,
VBIAS = GND, FSW floating.
2.4
3.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com