Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 33 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 29Page - STMicroelectronics LED6000 Datasheet HTML 30Page - STMicroelectronics LED6000 Datasheet HTML 31Page - STMicroelectronics LED6000 Datasheet HTML 32Page - STMicroelectronics LED6000 Datasheet HTML 33Page - STMicroelectronics LED6000 Datasheet HTML 34Page - STMicroelectronics LED6000 Datasheet HTML 35Page - STMicroelectronics LED6000 Datasheet HTML 36Page - STMicroelectronics LED6000 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
DocID027777 Rev 2
33/49
LED6000
Application notes - step-down conversion
49
R6
4.7 k
0603
1% tolerance
R7
1.5 k
0603
1% tolerance
R8
47 k
0603
1% tolerance
R9
33 k
0603
1% tolerance
R12
100 k
0603
1% tolerance
R13
0.24
1210
1%, 0.5 W
PANASONIC ERJ14BQFR24U
L1
47
H
10 x 10
2.2 A sat. / 128 m
COILCRAFT MSS1038-473
D1
STPS2L60
SMBflat
60 V - 2 A Schottky rectifier
STM STPS2L60UF
D2
N. M.
U1
LED6000
HTSSOP16
STM LED6000
Table 7. LED6000 demonstration board component list (continued)
Reference
Part
Package
Note
Manufacturer P/N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com