Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 19 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 15Page - STMicroelectronics LED6000 Datasheet HTML 16Page - STMicroelectronics LED6000 Datasheet HTML 17Page - STMicroelectronics LED6000 Datasheet HTML 18Page - STMicroelectronics LED6000 Datasheet HTML 19Page - STMicroelectronics LED6000 Datasheet HTML 20Page - STMicroelectronics LED6000 Datasheet HTML 21Page - STMicroelectronics LED6000 Datasheet HTML 22Page - STMicroelectronics LED6000 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
DocID027777 Rev 2
19/49
LED6000
Functional description
49
4.4
Error amplifier and light-load management
The error amplifier (E/A) provides the error signal to be compared with the sawtooth to
perform the pulse width modulation. Its non-inverting input is internally connected to
a 0.25 V voltage reference and its inverting input (FB) and output (COMP) are externally
available for feedback and frequency compensation. In this device the error amplifier is
a voltage mode operational amplifier, therefore, with the high DC gain and low output
impedance.
The uncompensated error amplifier characteristics are summarized inTable 6.
In the continuous conduction working mode (CCM), the transfer function of the power
section has two poles due to the LC filter and one zero due to the ESR of the output
capacitor. Different kinds of compensation networks can be used depending on the ESR
value of the output capacitor.
If the zero introduced by the output capacitor helps to compensate the double pole of the LC
filter, a type II compensation network can be used. Otherwise, a type III compensation
network must be used (see Section 5.3 on page 27 for details on the compensation network
design).
In case of the light-load (i.e.: if the output current is lower than the half of the inductor current
ripple) the LED6000 enters the pulse-skipping working mode. The HS MOS is kept off if the
COMP level is below 200 mV (typ.); when this bottom level is reached the integrated switch
is turned on until the inductor current reaches ISKIP value. So, in the discontinuous
conduction working mode (DCM), the HS MOS on-time is only related to the time necessary
to charge the inductor up to the ISKIP level.
The ISKIP threshold is reduced with increasing the RILIM resistor value, as shown also in
Table 5 on page 8 and plotted in Figure 12, so allowing the LED6000 device work in the
continuous conduction mode also in case lower current LEDs are selected.
Table 6. Error amplifier characteristics
Parameters
Value
Low frequency gain (A0)100 dB
GBWP
23 MHz
Output voltage swing
0 to 3.5 V
Source/sink current capability
3.1 mA / 5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com