Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 16Page - STMicroelectronics LED6000 Datasheet HTML 17Page - STMicroelectronics LED6000 Datasheet HTML 18Page - STMicroelectronics LED6000 Datasheet HTML 19Page - STMicroelectronics LED6000 Datasheet HTML 20Page - STMicroelectronics LED6000 Datasheet HTML 21Page - STMicroelectronics LED6000 Datasheet HTML 22Page - STMicroelectronics LED6000 Datasheet HTML 23Page - STMicroelectronics LED6000 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Functional description
LED6000
20/49
DocID027777 Rev 2
Figure 12. ISKIP typical current and RILIM value
However, due to the current sensing comparator delay, the actual inductor charge current is
slightly impacted by the VIN and selected inductor value.
In order to let the bootstrap capacitor recharge, in case of an extremely light-load the
LED6000 is able to pull-down the LX net through an integrated small LS MOS. In this way
the bootstrap recharge current can flow from the VIN through the CBOOT, LX and LS MOS.
This mechanism is activated if the HS MOS has been kept turned-off for more than 3 ms
(typ.).
4.5
Low VIN operation
In normal operation (i.e.: VOUT programmed lower than input voltage) when the HS MOS is
turned off, a minimum off time (TOFFMIN) interval is performed.
In case the input voltage falls close or below the programmed output voltage (low dropout,
LDO) the LED6000 control loop is able to increase the duty cycle up to 100%. However, in
order to keep the boot capacitor properly recharged, a maximum HS MOS on-time is limited
(TONMAX). When this limit is reached the HS MOS is turned-off and an integrated switch
working as a pull-down resistor between the LX and GND is turned on, until one of the
following conditions is met:
A negative current limit (300 mA typ.) is reached
A timeout (1 µs typ.) is reached.
So doing the LED6000 device is able to work in the low dropout operation, due to the
advanced boot capacitor management, and the effective maximum duty cycle is about
12
s / 13 s = 92%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com