Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 22 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 18Page - STMicroelectronics LED6000 Datasheet HTML 19Page - STMicroelectronics LED6000 Datasheet HTML 20Page - STMicroelectronics LED6000 Datasheet HTML 21Page - STMicroelectronics LED6000 Datasheet HTML 22Page - STMicroelectronics LED6000 Datasheet HTML 23Page - STMicroelectronics LED6000 Datasheet HTML 24Page - STMicroelectronics LED6000 Datasheet HTML 25Page - STMicroelectronics LED6000 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Functional description
LED6000
22/49
DocID027777 Rev 2
Assuming VF = 0.6 V the free-wheeling diode direct voltage, RDCR = 30 m inductor
parasitic resistance, ILIM = IPK = 4 A the peak current limit, RON = 0.25  HS MOS
resistance and TON,MIN = 120 ns minimum HS MOS on duration, the maximum FSW
frequency which avoids the inductor current runaway in case of the output short-circuit and
VIN = 61 V is 801 kHz.
If the programmed switching frequency is higher than the above computed limit, an
estimation of the inductor current in case of the output short-circuit fault is provided by
Equation 5:
Equation 5
The peak current limit threshold (ILIM) can be programmed in the range 0.85 A - 4.0 A by
selecting the proper RILIM resistor, as suggested in Equation 6.
Equation 6
IPK is the default LED6000 current limit in case of RILIM not mounted, as shown in Table 5 on
page 8.
Figure 14. Current limit and programming resistor

DCR
ON
MIN
ON
SW
DCR
F
IN
ON
SW
LIM
R
R
T
F
R
V
V
T
F
I
,
8
8
LIM
PK
ILIM
I
I
k
R
 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com