Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 32 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 28Page - STMicroelectronics LED6000 Datasheet HTML 29Page - STMicroelectronics LED6000 Datasheet HTML 30Page - STMicroelectronics LED6000 Datasheet HTML 31Page - STMicroelectronics LED6000 Datasheet HTML 32Page - STMicroelectronics LED6000 Datasheet HTML 33Page - STMicroelectronics LED6000 Datasheet HTML 34Page - STMicroelectronics LED6000 Datasheet HTML 35Page - STMicroelectronics LED6000 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Application notes - step-down conversion
LED6000
32/49
DocID027777 Rev 2
The exposed pad must be connected to the signal GND pin. The connection to the ground
plane must be achieved by taking care of the above mentioned input loop, in order to avoid
a high current flowing through the signal GND.
Refer to Section 5.6 for the LED6000 layout example.
5.6
Demonstration board
In this section the LED6000 step-down demonstration board is described.
The default settings are:
Input voltage up to 60 V
Programmed LED current 1 A (HB LEDs)
FSW = 500 kHz
VBIAS = GND
Figure 19. LED6000 demonstration board schematic (step-down)
Table 7. LED6000 demonstration board component list
Reference
Part
Package
Note
Manufacturer P/N
C1, C2
4.7
F
1210
X7S/100 V/10%
TDK C3225X7S2A475K
C3, C4
1
F
0805
X7S/100 V/10%
TDK C2012X7S2A105K
C5
470 nF
1206
X7R/100 V/10%
TDK C3225X7R2A474M
C6, C8
N. M.
C7
100 nF
0603
X7R/16 V/10%
C9
2.2 nF
0603
X7R/25 V/10%
C10
1 nF
0603
X7R/16 V/10%
C11
220 pF
0603
NP0/50 V/5%
C12
100 pF
0603
100 V
C13
1
F
0805
X5R/16 V/20%
R1, R5
N. M.
R4
0
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com