Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 7Page - STMicroelectronics LED6000 Datasheet HTML 8Page - STMicroelectronics LED6000 Datasheet HTML 9Page - STMicroelectronics LED6000 Datasheet HTML 10Page - STMicroelectronics LED6000 Datasheet HTML 11Page - STMicroelectronics LED6000 Datasheet HTML 12Page - STMicroelectronics LED6000 Datasheet HTML 13Page - STMicroelectronics LED6000 Datasheet HTML 14Page - STMicroelectronics LED6000 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
DocID027777 Rev 2
11/49
LED6000
Functional description
49
4
Functional description
The LED6000 device is based on a voltage mode, constant frequency control loop. The
LEDs current, monitored through the voltage drop on the external current sensing resistor,
RSNS, is compared to an internal reference (0.25 V) providing an error signal on the COMP
pin. The COMP voltage level is then compared to a fixed frequency sawtooth ramp, which
finally controls the on- and off-time of the power switch.
The main internal blocks are shown in Figure 2: Block diagram on page 4 and can be
summarized as follow.
The fully integrated oscillator that provides the sawtooth ramp to modulate the duty
cycle and the synchronization signal. Its switching frequency can be adjusted by an
external resistor. The input voltage feedforward is implemented.
The soft-start circuitry to limit the inrush current during the startup phase.
The voltage mode error amplifier.
The pulse width modulator and the relative logic circuitry necessary to drive the internal
power switch.
The high-side driver for the embedded N-channel power MOSFET switch and
bootstrap circuitry. A dedicated high resistance low-side MOSFET, for anti-boot
discharge management purposes, is also present.
The peak current limit sensing block, with a programmable threshold, to handle the
overload including a thermal shutdown block, to prevent the thermal runaway.
The bias circuitry, which includes a voltage regulator and an internal reference, to
supply the internal circuitry and provide a fixed internal reference and manages the
current dimming feature. The switchover function from VCC to VBIAS can be
implemented for higher efficiency. This block also implements voltage monitor circuitry
(UVLO) that checks the input and internal voltages.
4.1
Oscillator and synchronization
Figure 4 shows the block diagram of the oscillator circuit. The internal oscillator provides
a constant frequency clock, whose frequency depends on the resistor externally connected
between the FSW pin and ground.
Figure 4. Oscillator and synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com