Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 9Page - STMicroelectronics LED6000 Datasheet HTML 10Page - STMicroelectronics LED6000 Datasheet HTML 11Page - STMicroelectronics LED6000 Datasheet HTML 12Page - STMicroelectronics LED6000 Datasheet HTML 13Page - STMicroelectronics LED6000 Datasheet HTML 14Page - STMicroelectronics LED6000 Datasheet HTML 15Page - STMicroelectronics LED6000 Datasheet HTML 16Page - STMicroelectronics LED6000 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
DocID027777 Rev 2
13/49
LED6000
Functional description
49
minimize the change of the PWM gain, the free-running frequency should be set (with a
resistor on the FSW pin) only slightly lower than the external clock frequency.
This pre-adjusting of the slave IC switching frequency keeps the truncation of the ramp
sawtooth negligible.
In case two or more (up to five) LED6000 SYNCH pins are tied together, the LED6000 IC
with higher programmed switching frequency is typically the master device; however, the
SYNCH circuit is also able to synchronize with a slightly lower external frequency, so the
frequency pre-adjustment with the same resistor on the FSW pin, as suggested above, is
required for a proper operation.
The SYNCH signal is provided as soon as EN is asserted high; however, if DIM is kept low
for more than TDIMTO timeout, the SYNCH signal is no more available until DIM re-assertion
high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com