Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 36 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 32Page - STMicroelectronics LED6000 Datasheet HTML 33Page - STMicroelectronics LED6000 Datasheet HTML 34Page - STMicroelectronics LED6000 Datasheet HTML 35Page - STMicroelectronics LED6000 Datasheet HTML 36Page - STMicroelectronics LED6000 Datasheet HTML 37Page - STMicroelectronics LED6000 Datasheet HTML 38Page - STMicroelectronics LED6000 Datasheet HTML 39Page - STMicroelectronics LED6000 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Application notes - alternative topologies
LED6000
36/49
DocID027777 Rev 2
The peak current flowing in the embedded switch is:
Equation 29
While its average current level is equal to:
Equation 30
This is due to the fact that the current flowing through the internal power switch is delivered
to the output only during the OFF phase.
The switch peak current must be lower than the minimum current limit of the overcurrent
protection and the average current must be lower than the rated DC current of the device.
In addition to these constraints, the thermal considerations summarized in Section 5.4 on
page 30 must also be evaluated.
Figure 23. Inverting buck-boost schematic
Figure 23 shows the schematic circuit for an LED current source based on inverting buck-
boost topology. The input voltage ranges from 15 to 30 V and it can drive a string composed
of 8 LEDs with 0.5 A DC.
SW
IN
OUT
RIPPLE
OUT
SW
f
L
D
V
D
I
I
D
I
I
2
1
2
1
D
I
I
OUT
SW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com