Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 20Page - National Semiconductor (TI) PC87366 Datasheet HTML 21Page - National Semiconductor (TI) PC87366 Datasheet HTML 22Page - National Semiconductor (TI) PC87366 Datasheet HTML 23Page - National Semiconductor (TI) PC87366 Datasheet HTML 24Page - National Semiconductor (TI) PC87366 Datasheet HTML 25Page - National Semiconductor (TI) PC87366 Datasheet HTML 26Page - National Semiconductor (TI) PC87366 Datasheet HTML 27Page - National Semiconductor (TI) PC87366 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 240 page
background image
1.0 Signal/Pin Connection and Description (Continued)
24
www.national.com
1.4
DETAILED SIGNAL/PIN DESCRIPTIONS
This section describes all signals, organized in functional groups.
1.4.1
ACCESS.bus Interface (ACB)
1.4.2
Bus Interface
1.4.3
Clock
1.4.4
Fan Speed Control and Monitor (FSCM)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
SCL
54
I/O
INSM/OD6
VDD
ACCESS.bus Clock Signal. An internal pull-up is optional,
depending upon the ACCESS.bus configuration register.
SDA
55
I/O
INSM/OD6
VDD
ACCESS.bus Data Signal. An internal pull-up is optional,
depending upon the ACCESS.bus configuration register.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
LAD0-3
15-18
I/O
INPCI/OPCI
VDD
LPC Address-Data. Multiplexed command, address bi-
directional data and cycle status.
LCLK
11
I
INPCI
VDD
LPC Clock. Practically the PCI clock (up to 33 MHz)
LDRQ
13
O
OPCI
VDD
LPC DMA Request. Encoded DMA request for LPC I/F.
LFRAME
14
I
INPCI
VDD
LPC Frame. Low pulse indicates the beginning of new LPC
cycle or termination of a broken cycle.
LRESET
10
I
INPCI
VDD
LPC Reset. Practically the PCI system reset.
SERIRQ
12
I/O
INPCI/OPCI
VDD
Serial IRQ. The interrupt requests are serialized over a single
pin, where each internal IRQ signal is delivered during a
designated time slot.
SMI
21
OD
OD12
VDD
System Management Interrupt
Signal
Pin(s)
I/O Buffer Type Power Well
Description
CLKIN
22
I
INT
VDD
Clock In. 48 MHz clock input.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
FANIN0
FANIN1
FANIN2
4
2
128
I
INTS
VDD
Fan Inputs. Used to feed the fan’s tachometer pulse to the Fan
Speed Monitor. The rising edge indicates the completion of a half
(or full) revolution of the fan.
FANOUT0
FANOUT1
FANOUT2
5
3
1
O
O2/14
VDD
Fan Outputs. Pulse Width Modulation (PWM) signals, used to
control the speed of cooling fans by controlling the voltage
supplied to the fan’s motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com