Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 13Page - National Semiconductor (TI) PC87366 Datasheet HTML 14Page - National Semiconductor (TI) PC87366 Datasheet HTML 15Page - National Semiconductor (TI) PC87366 Datasheet HTML 16Page - National Semiconductor (TI) PC87366 Datasheet HTML 17Page - National Semiconductor (TI) PC87366 Datasheet HTML 18Page - National Semiconductor (TI) PC87366 Datasheet HTML 19Page - National Semiconductor (TI) PC87366 Datasheet HTML 20Page - National Semiconductor (TI) PC87366 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 240 page
background image
1.0 Signal/Pin Connection and Description (Continued)
17
www.national.com
1.2
BUFFER TYPES AND SIGNAL/PIN DIRECTORY
Table 2 is an alphabetical list of all signals, cross-referenced to additional information for detailed functional descriptions,
electrical DC characteristics, and pin multiplexing. The signal DC characteristics are denoted by a buffer type symbol, de-
scribed briefly below and in further detail in Section 14.2. The pin multiplexing information refers to two different types of
multiplexing:
q
MUX - Multiplexed, denoted by a slash (/) between pins in the diagram in Section 1.1. Pins are shared between two
different functions. Each function is associated with different board connectivity, and normally, the function selection
is determined by the board design and cannot be changed dynamically. The multiplexing options must be configured
by the BIOS upon power-up, in order to comply with the board implementation.
q
MM - Multiple Mode, denoted by an underscore (_) between pins in the diagram in Section 1.1. Pins have two or
more modes of operation within the same function. These modes are associated with the same external (board) con-
nectivity. Mode selection may be controlled by the device driver, through the registers of the functional block, and do
not require a special BIOS setup upon power-up. These pins are not considered multiplexed pins from the SuperI/O
configuration perspective. The mode selection method (registers and bits) as well as the signal specification in each
mode, are described within the functional description of the relevant functional block.
Table 2. SIgnal/Pin Directory
Table 1. Buffer Types
Symbol
Description
INAN#
Input, analog type number
INC
Input, CMOS compatible
INPCI
Input, PCI 3.3V
INSM
Input, SMBus compatible
INSTRP
Input, Strap pin with weak pull-down during strap time
INT
Input, TTL compatible
INTS
Input, TTL compatible with Schmidt Trigger
INULR
Input, with serial UL Resistor
OAN#
Output, analog type number
OPCI
Output, PCI 3.3V
Op/n
Output, push-pull buffer that is capable of sourcing
p mA and sinking n mA
ODn
Output, open-drain output buffer that is capable of sinking
n mA
PWR
Power pin
GND
Ground pin
Signal
Pin(s)
Functional Group
DC Characteristics
MUX
Name
Section
Buffer Type
Section
ACK
79
Parallel Port
1.4.11
INT
14.2.5
AFD_DSTRB
93
Parallel Port
1.4.11
OD14, O14/14
14.2.9, 14.2.8
MM
ALARM
27
Hardware Monitoring 1.4.16
OD6
14.2.9
MUX
ASTRB
See SLIN_ASTRB
AVI0
37
Hardware Monitoring 1.4.16
INAN1
14.2.10
MUX
AVI1-6
38-43
Hardware Monitoring 1.4.16
INAN1
14.2.10
AVDD
44
Power and Ground
1.4.12
PWR
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com