Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 40Page - National Semiconductor (TI) PC87366 Datasheet HTML 41Page - National Semiconductor (TI) PC87366 Datasheet HTML 42Page - National Semiconductor (TI) PC87366 Datasheet HTML 43Page - National Semiconductor (TI) PC87366 Datasheet HTML 44Page - National Semiconductor (TI) PC87366 Datasheet HTML 45Page - National Semiconductor (TI) PC87366 Datasheet HTML 46Page - National Semiconductor (TI) PC87366 Datasheet HTML 47Page - National Semiconductor (TI) PC87366 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
44
www.national.com
Table 13. PSON VSB Power-Up Default State
Crowbar Condition
A Crowbar condition is a situation in which the signal that directly controls the system’s power supply is active for a certain
duration of time, without a power supply response. To prevent this deadlock and enable reactivation of the power supply, a
special crowbar mechanism is included in the PSC logic.
Once the PSON is activated, assuming the power supply is off, a timer in the PSC logic starts counting. If this timer reaches
its terminal count before the power supply becomes active, the PSC detects a Crowbar condition. In this case, PSON is
deactivated and the PSC makes sure that the ACPI state of the system is changed to OFF.
The time that causes a Crowbar condition is defined as the Crowbar Timeout. The Crowbar Timeout of the PSC can be pro-
grammed to values between 0.5-2.25 seconds. This Timeout value is set by writing the appropriate value to bit 4-3 of the
SIOCFD register. For further details, refer to the description of this register in Section 2.8.12.
2.5
LED OPERATION AND STATES
The device supports up to two LEDs, depending on Pin 25 and Pin 26 Function Select (bits 1-2 and bit 3) of the SIOCFA
register. The polarity of both LEDs is determined by LED Polarity Control (bit 7) of the SIOCFD register.
, when in power-on state. The device also provides modes for hardware LED control. This enables the LEDs to support fea-
tures such as power and error indication.
The LEDs may be operated in software, hardware1 or hardware 2 modes. These modes are set by LED Mode Control (bits
2 and 3) of the SIOCFB register. Each LED can be set to On, Off or to blink at different rates by means of bits 0-2 (LED1)
and bits 3-5 (LED2) of the SIOCFC register. When in power-on state (both VDD and VSB exist), the LEDs are software-con-
trolled. When in power fail state (no VSB and no VDD) the LEDs are off. Table 14 shows the effect of hardware modes 1 and
2 on LED operation that override the above rules.
Table 14. Hardware Modes 1 and 2 Effect on LED Operation
2.6
POWER SUPPLY CONTROL AND LED CONFIGURATION
A combination of two strap pins (Power Supply and LED Configuration 0 and 1, PSLDC0,1, pins 99 and 107 respectively)
determines the configuration of the power supply control pins and LEDs. Both pins 99 and 107 have weak pull-downs, and
are sampled on VSB power-up reset. Table 15 describes how they affect the chip configuration.
Resume Last
PSON State
(SIOCFD, Bit 2)
Last PSON
State
PSON VSB Power-Up
Default
10
0
11
1
0
X
Same as SLPS3 state
Mode
System State
LED1
LED2
Hardware 1
(SIOCFB, bits 3-2=01)
VSB power-up reset
Off
1 Hz blink, 50% duty cycle
Power off (VSB,noVDD)
Software-controlled
1 Hz blink, 50% duty cycle
Hardware 2
(SIOCFB, bits 3-2=10)
ACPI mode and
Sleep State 3
Software-controlled
Software-controlled
ACPI mode, Sleep State 5,
bit 6 = 1 in SIOCFC register
and Power Supply Control
enabled
Software-controlled
Software-controlled
ACPI mode, any other
configuration
Off
Off
Legacy mode and power off
(no VDD)
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com