Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 21Page - National Semiconductor (TI) PC87366 Datasheet HTML 22Page - National Semiconductor (TI) PC87366 Datasheet HTML 23Page - National Semiconductor (TI) PC87366 Datasheet HTML 24Page - National Semiconductor (TI) PC87366 Datasheet HTML 25Page - National Semiconductor (TI) PC87366 Datasheet HTML 26Page - National Semiconductor (TI) PC87366 Datasheet HTML 27Page - National Semiconductor (TI) PC87366 Datasheet HTML 28Page - National Semiconductor (TI) PC87366 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 240 page
background image
1.0 Signal/Pin Connection and Description (Continued)
25
www.national.com
1.4.5
Floppy Disk Controller (FDC)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
DENSEL
75
O
O2/12
VDD
Density Select. Indicates that a high FDC density data rate (500
Kbps or 1 Mbps) or a low density data rate (250 or 300 Kbps) is
selected.
DENSEL polarity is controlled by bit 5 of the FDC Configuration
Register.
DIR
68
O
OD12,O2/12
VDD
Direction. Determines the direction of the Floppy Disk Drive
(FDD) head movement (active = step in, inactive = step out)
during a seek operation. During reads or writes, DIR is inactive.
DR0
70
O
OD12,O2/12
VDD
Drive Select 0. Decoded drive select output signal. DR0 is
controlled by bit 0 of the Digital Output Register (DOR).
DR1
71
O
OD12,O2/12
VDD
Drive Select 1. Decoded drive select output signal. DR0 is
controlled by bit 1 of the Digital Output Register (DOR).
DRATE0
74
O
O3/6
VDD
Data Rate 0. Reflects the value of bit 0 of the Configuration Control
Register (CCR) or the Data Rate Select Register (DSR), whichever
was written to last. Output from the pin is push-pull buffered.
DSKCHG
60
I
INT
VDD
Disk Change. Indicates if the drive door has been opened. The
state of this pin is stored in the Digital Input Register (DIR). This pin
can also be configured as the RGATE data separator diagnostic input
signal via the MODE command.
HDSEL
61
O
OD12,O2/12
VDD
Head Select. Determines which side of the FDD is accessed.
Active low selects side 1, inactive selects side 0.
INDEX
73
I
INT
VDD
Index. Indicates the beginning of an FDD track.
MTR0
72
O
OD12,O2/12
VDD
Motor Select 0. Active low, motor enable line for drives 0, controlled
by bits D7-4 of the Digital Output Register (DOR).
MTR1
69
O
OD12,O2/12
VDD
Motor Select 1. Active low, motor enable lines for drives 1,
controlled by bits D7-4 of the Digital Output Register (DOR).
RDATA62
I
INT
VDD
Read Data. Raw serial input data stream read from the FDD.
STEP
67
O
OD12,O2/12
VDD
Step. Issues pulses to the disk drive at a software programmable
rate to move the head during a seek operation.
TRK0
64
I
INT
VDD
Track 0. Indicates to the controller that the head of the selected
floppy disk drive is at track 0.
WDATA66
O
OD12,O2/12
VDD
Write Data. Carries out the pre-compensated serial data that is
written to the floppy disk drive. Pre-compensation is software
selectable.
WGATE
65
O
OD12,O2/12
VDD
Write Gate. Enables the write circuitry of the selected disk drive.
WGATE is designed to prevent glitches during power up and
power down. This prevents writing to the disk when power is
cycled.
WP
63
I
INT
VDD
Write Protected. Indicates that the disk in the selected drive is
write protected. A software programmable configuration bit (FDC
configuration at Index F0h, Logical Device 0) can force an active
write-protect indication to the FDC, regardless of the status of this
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com