Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 22Page - National Semiconductor (TI) PC87366 Datasheet HTML 23Page - National Semiconductor (TI) PC87366 Datasheet HTML 24Page - National Semiconductor (TI) PC87366 Datasheet HTML 25Page - National Semiconductor (TI) PC87366 Datasheet HTML 26Page - National Semiconductor (TI) PC87366 Datasheet HTML 27Page - National Semiconductor (TI) PC87366 Datasheet HTML 28Page - National Semiconductor (TI) PC87366 Datasheet HTML 29Page - National Semiconductor (TI) PC87366 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 240 page
background image
1.0 Signal/Pin Connection and Description (Continued)
26
www.national.com
1.4.6
Game Port
1.4.7
General-Purpose Input/Output (GPIO) Ports
1.4.8
Infrared (IR)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
JOYAX
117
I/O
INTS/OD12
VDD
Joystick A X-Axis. Indicates X-axis position of joystick A.
JOYAY
118
I/O
INTS/OD12
VDD
Joystick A Y-Axis. Indicates Y-axis position of joystick A.
JOYABTN0 119
I
INTS
VDD
Joystick A Button 0. Indicates button 0 status of joystick A.
JOYABTN1 120
I
INTS
VDD
Joystick A Button 1. Indicates button 1 status of joystick A.
JOYBX
121
I/O
INTS/OD12
VDD
Joystick B X-Axis. Indicates X-axis position of joystick B.
JOYBY
122
I/O
INTS/OD12
VDD
Joystick BY-Axis. Indicates Y-axis position of joystick B.
JOYBBTN0 123
I
INTS
VDD
Joystick B Button 0. Indicates button 0 status of joystick B.
JOYBBTN1 124
I
INTS
VDD
Joystick B Button 1. Indicates button 1 status of joystick B.
Signal
Pin/s
I/O Buffer Type Power Well
Description
GPIO00-07 2-9
I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 0, bits 0-7. Each pin is configured in-
dependently as input or I/O, with or without static pull-up, and with
either open-drain or push-pull output type. The port support inter-
rupt assertion and each pin can be enabled or masked as an inter-
rupt source.
GPIO10
GPIO11-14
GPO15
GPIO16-17
21
53-56
57
69, 71
I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 1, bits 0-7. Same as Port 0. Bit 5 is
output only with low output as default.
GPIO20-27 117-124 I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 2, bits 0-7. Similar to port 0, but
without the interrupt assertion capability.
GPIO30-33
GPIO34
125-128
1
I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 3, bits 0-4. Similar to port 0, but
without the interrupt assertion capability. Bits 5, 6 and 7 are not
implemented.
Signal
Pin/s
I/O Buffer Type Power Well
Description
IRRX1
59
I
INTS
VDD,VSB
IR Receive 1. Primary input to receive serial data from the IR
transceiver. Monitored during power-off for wake-up event
detection.
IRRX2_IRSL0 58
I/O
INTS/O3/6
VDD,VSB IRRX2 - IR Receive 2. Auxiliary IR receiver input to support a
second transceiver. Monitored during power-off for wake-up event
detection.
IRSL3-0 IR Select. Output are used to control the IR transceivers.
Input for PnP identification of plug-in IR transceiver (dongle).
After reset, the dual-function IRSLX pins wake up in input mode.
After the ID is read by the IR driver, they may be put into output
mode. The output mode is controlled by Serial Port 2.
IRSL1
127
I/O
INT/O3/6
VDD
IRSL2
69
I/O
INT/O3/6
VDD
IRSL3
71
I
INT
VDD
IRTX
57
O
O6/12
VDD
IR Transmit. IR serial output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com