Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 52Page - National Semiconductor (TI) PC87366 Datasheet HTML 53Page - National Semiconductor (TI) PC87366 Datasheet HTML 54Page - National Semiconductor (TI) PC87366 Datasheet HTML 55Page - National Semiconductor (TI) PC87366 Datasheet HTML 56Page - National Semiconductor (TI) PC87366 Datasheet HTML 57Page - National Semiconductor (TI) PC87366 Datasheet HTML 58Page - National Semiconductor (TI) PC87366 Datasheet HTML 59Page - National Semiconductor (TI) PC87366 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
56
www.national.com
2.9
FLOPPY DISK CONTROLLER (FDC) CONFIGURATION
2.9.1
General Description
The generic FDC is a standard FDC with a digital data separator, and is DP8473 and N82077 software compatible. The
PC87366 FDC supports 14 of the 17 standard FDC signals described in the generic Floppy Disk Controller (FDC) chapter,
including:
q
FM and MFM modes are supported. To select either mode, set bit 6 of the first command byte when writing to/read-
ing from a diskette, where:
0 = FM mode
1 = MFM mode
q
A logic 1 is returned for all floating (TRI-STATE) FDC register bits upon LPC I/O read cycles.
Exceptions to standard FDC support include:
q
Automatic media sense is not supported (MSEN0-1 pins are not implemented)
q
DRATE1 is not supported.
Table 17 lists the FDC functional block registers.
Table 17. FDC Registers
2.9.2
Logical Device 0 (FDC) Configuration
Table 18 lists the Configuration registers which affect the FDC. Only the last two registers (F0h and F1h) are described here.
See Sections 2.2.3 and 2.2.4 for descriptions of the others.
Table 18. FDC Configuration Registers
OffsetNote 1.
Note 1. This is the 8-byte aligned FDC base address.
Mnemonic
Register Name
Type
00h
SRA
Status A
RO
01h
SRB
Status B
RO
02h
DOR
Digital Output
R/W
03h
TDR
Tape Drive
R/W
04h
MSR
Main Status
R
DSR
Data Rate Select
W
05h
FIFO
Data (FIFO)
R/W
06h
N/A
X
07h
DIR
Digital Input
R
CCR
Configuration Control
W
Index
Configuration Register or Action
Type
Reset
30h
Activate. See also bit 0 of the SIOCF1 register and bit 0 of the SIOCF6 register. R/W
00h
60h
Base Address MSB register. Bits 7-3 (for A15-11) are read only, 00000b.
R/W
03h
61h
Base Address LSB register. Bits 2 and 0 (for A2 and A0) are read only, 00b.
R/W
F2h
70h
Interrupt Number and Wake-Up on IRQ Enable register
R/W
06h
71h
Interrupt Type. Bit 1 is read/write; other bits are read only.
R/W
03h
74h
DMA Channel Select
R/W
02h
75h
Report no second DMA assignment
RO
04h
F0h
FDC Configuration register
R/W
24h
F1h
Drive ID register
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com