Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 49Page - National Semiconductor (TI) PC87366 Datasheet HTML 50Page - National Semiconductor (TI) PC87366 Datasheet HTML 51Page - National Semiconductor (TI) PC87366 Datasheet HTML 52Page - National Semiconductor (TI) PC87366 Datasheet HTML 53Page - National Semiconductor (TI) PC87366 Datasheet HTML 54Page - National Semiconductor (TI) PC87366 Datasheet HTML 55Page - National Semiconductor (TI) PC87366 Datasheet HTML 56Page - National Semiconductor (TI) PC87366 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
53
www.national.com
2.8.10
SuperI/O Configuration B Register (SIOCFB)
This is a battery-backed register.
Location:
Index 2Bh
Type:
Varies per bit
Bit
7
6
5
4
3
2
1
0
Name
Reserved
Pins 47-49
Function
Select
Intrusion
Level
Intrusion
Status
LED Mode Control
Pin 59
Function
Select
Pin 58
Function
Select
Reset
0
0
X
1
0
0
0
0
Bit
Description
7
Reserved
6
Pins 47-49 Function Select
0: Pins 47-49 enabled as D1N, D1P and D2N by the TMS (default)
1 Pins 47-49 enabled as TS1, TS2 and TS3 by the VLM. For further details, see the TMS COnfiguration
regster setting.
5
Intrusion Level. This is a RO bit, which reflects the value of pin 29 (CHASI), either 0 or 1.
4
Intrusion Status. Write 0 to this bit to clear it.
0: No intrusion
1: Intrusion detected (default at VPP power-up reset)
3-2
LED Mode Control. This is a R/W bit.
Bits
3 2
Function
0 0
Software mode (default at VPP power-up reset)
0 1
Hardware mode 1 (default when power supply control is disabled by PSLDC0,1 straps)
1 0
Hardware mode 2
1 1
Reserved
1
Pin 59 Function Select. This is a R/W bit.
0: GPIE7 (default at VPP power-up reset)
1: IRRX1
0
Pin 58 Function Select. This is a R/W bit.
0: GPIE6 (default at VPP power-up reset)
1: IRRX2_IRSL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com