Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 75Page - National Semiconductor (TI) PC87366 Datasheet HTML 76Page - National Semiconductor (TI) PC87366 Datasheet HTML 77Page - National Semiconductor (TI) PC87366 Datasheet HTML 78Page - National Semiconductor (TI) PC87366 Datasheet HTML 79Page - National Semiconductor (TI) PC87366 Datasheet HTML 80Page - National Semiconductor (TI) PC87366 Datasheet HTML 81Page - National Semiconductor (TI) PC87366 Datasheet HTML 82Page - National Semiconductor (TI) PC87366 Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
79
www.national.com
2.20 MIDI PORT (MIDI) CONFIGURATION
2.20.1
Logical Device 12 (MIDI) Configuration
Table 34 lists the configuration registers which affect the MIDI Port. Only the last register (F0h) is described here. See Sec-
tions 2.2.3 and 2.2.4 for a detailed description of the others.
Table 35. MIDI Configuration Registers
2.20.2
MIDI Port Configuration Register
This register is reset by hardware to 00h.
Location:
Index F0h
Type:
R/W
Usage Hint:
To operate MIDI enhanced features, make sure to locate its base address within the LPC Wide Generic address range.
Index
Configuration Register or Action
Type
Reset
30h
Activate. When bit 0 is cleared, the registers of this logical device are not
accessible.
R/W
00h
60h
Base Address MSB register
R/W
03h
61h
Base Address LSB register. Bits 2-0 (for A2-A0) are read only, 000b.
R/W
30h
70h
Interrupt Number and wake-up on IRQ enable.
R/W
00h
71h
Interrupt Type. Bit 1 is read/write. Other bits are read only.
R/W
03h
74h
Report no DMA assignment
RO
04h
75h
Report no DMA assignment
RO
04h
F0h
MIDI Port Configuration register
R/W
00h
Bit
76543210
Name
Reserved
Internal
Pull-Up
Enable
Reserved
TRI-STATE
Control
Reset
00000000
Bit
Description
7-3
Reserved
2
Internal Pull-Up Enable. This bit controls the internal pull-up resistor on pin 126 (GPIO31/MDRX).
0: Disabled (default)
1: Enabled
1
Reserved
0
TRI-STATE Control. When enabled and the device is inactive, the logical device output pins are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com