Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 23Page - National Semiconductor (TI) PC87366 Datasheet HTML 24Page - National Semiconductor (TI) PC87366 Datasheet HTML 25Page - National Semiconductor (TI) PC87366 Datasheet HTML 26Page - National Semiconductor (TI) PC87366 Datasheet HTML 27Page - National Semiconductor (TI) PC87366 Datasheet HTML 28Page - National Semiconductor (TI) PC87366 Datasheet HTML 29Page - National Semiconductor (TI) PC87366 Datasheet HTML 30Page - National Semiconductor (TI) PC87366 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 240 page
background image
1.0 Signal/Pin Connection and Description (Continued)
27
www.national.com
1.4.9
Keyboard and Mouse Controller (KBC)
1.4.10
Musical Instrument Digital Interface (MIDI) Port
Signal
Pin/s
I/O Buffer Type Power Well
Description
GA20
9
I/O
INT/OD2
VDD
Gate A20. KBC gate A20 (P21) output.
KBCLK
111
I/O
INTS/OD14
VDD,VSB
Keyboard Clock. Transfers the keyboard clock between the
SuperI/O chip and the external keyboard using the PS/2 protocol.
This pin is driven by the internal, inverted KBC P26 signal, and is
connected internally to the T0 signal of the KBC. External pull-up
resistor to 5V is required (for PS/2 compliance). The pin is
monitored for wake-up event detection. To enable the activity
during power off, it must be pulled up to Keyboard and Mouse
standby voltage.
KBDAT
112
I/O
INTS/OD14
VDD,VSB
Keyboard Data. Transfers the keyboard data between the SuperI/O
chip and the external keyboard using the PS/2 protocol.
This pin is driven by the internal, inverted KBC P27 signal, and is
connected internally to KBC P10. External pull-up resistor to 5V is
required (for PS/2 compliance). The pin is monitored for wake-up
event detection. To enable the activity during power off, it must be
pulled up to Keyboard and Mouse standby voltage.
KBRST
8
I/O
INT/OD2
VDD
KBD Reset. Keyboard Reset (P20) output.
MCLK
113
I/O
INTS/OD14
VDD,VSB
Mouse Clock. Transfers the mouse clock between the SuperI/O
chip and the external keyboard using the PS/2 protocol.
This pin is driven by the internal, inverted KBC P23 signal, and is
connected internally to KBC T1. External pull-up resistor to 5V is
required (for PS/2 compliance). The pin is monitored for wake-up
event detection. To enable the activity during power off, it must be
pulled up to Keyboard and Mouse standby voltage.
MDAT
114
I/O
INTS/OD14
VDD,VSB
Mouse Data. Transfers the mouse data between the SuperI/O
chip and the external keyboard using the PS/2 protocol.
This pin is driven by the internal, inverted KBC P22 signal, and is
connected internally to KBC P11. External pull-up resistor to 5V is
required (for PS/2 compliance). The pin is monitored for wake-up
event detection. To enable the activity during power off, it must be
pulled up to Keyboard and Mouse standby voltage.
P12, P16,
P17
6,127,
7
I/O
INT/OD2
VDD
I/O Port. KBC open-drain signal for general-purpose input and
output, controlled by KBC firmware.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
MDTX
125
O
O3/6
VDD
MIDI Transmit. MIDI serial data output.
MDRX
126
I
INTS
VDD
MIDI Receive. MIDI serial data input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com