Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 41Page - National Semiconductor (TI) PC87366 Datasheet HTML 42Page - National Semiconductor (TI) PC87366 Datasheet HTML 43Page - National Semiconductor (TI) PC87366 Datasheet HTML 44Page - National Semiconductor (TI) PC87366 Datasheet HTML 45Page - National Semiconductor (TI) PC87366 Datasheet HTML 46Page - National Semiconductor (TI) PC87366 Datasheet HTML 47Page - National Semiconductor (TI) PC87366 Datasheet HTML 48Page - National Semiconductor (TI) PC87366 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
45
www.national.com
Table 15. PSLDC0,1 Configuration Options
2.7
REGISTER TYPE ABBREVIATIONS
The following abbreviations are used to indicate the Register Type:
q
R/W = Read/Write
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W=Write
q
RO = Read Only
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
2.8
SUPERI/O CONFIGURATION REGISTERS
This section describes the SuperI/O configuration and ID registers (those registers with first level indexes in the range of 20h
- 2Eh). See Table 16 for a summary and directory of these registers.
Table 16. SuperI/O Configuration Registers
PSLDC0
(Pin 99)
PSLDC1
(Pin 107)
Power Supply Control
LED2
0
0
Enabled (default)
Not selected (default)
0
1
Disabled
Selected
1
0
Disabled
Not selected
1
1
Enabled
Selected
Index Mnemonic
Register Name
Power Well
Type
Section
20h
SID
SuperI/O ID
VDD
RO
2.8.1
21h
SIOCF1
SuperI/O Configuration 1
VDD
R/W
2.8.2
22h
SIOCF2
SuperI/O Configuration 2
VDD
R/W
2.8.3
23h
SIOCF3
SuperI/O Configuration 3
VDD
R/W
2.8.4
24h
SIOCF4
SuperI/O Configuration 4
VDD
R/W
2.8.5
25h
SIOCF5
SuperI/O Configuration 5
VDD
R/W
2.8.6
27h
SRID
SuperI/O Revision ID
VDD
RO
2.8.7
28h
SIOCF8
SuperI/O Configuration 8
VDD
R/W
2.8.8
2Ah
SIOCFA
SuperI/O Configuration A
VPP
R/W
2.8.9
2Bh
SIOCFB
SuperI/O Configuration B
VPP
R/W
2.8.10
2Ch
SIOCFC
SuperI/O Configuration C
VPP
R/W
2.8.11
2Dh
SIOCFD
SuperI/O Configuration D
VPP
R/W
2.8.12
2Eh
Reserved exclusively for National use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com