Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 34Page - National Semiconductor (TI) PC87366 Datasheet HTML 35Page - National Semiconductor (TI) PC87366 Datasheet HTML 36Page - National Semiconductor (TI) PC87366 Datasheet HTML 37Page - National Semiconductor (TI) PC87366 Datasheet HTML 38Page - National Semiconductor (TI) PC87366 Datasheet HTML 39Page - National Semiconductor (TI) PC87366 Datasheet HTML 40Page - National Semiconductor (TI) PC87366 Datasheet HTML 41Page - National Semiconductor (TI) PC87366 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
38
www.national.com
Table 10. Interrupt Configuration Registers
Table 11. DMA Configuration Registers
Table 12. Special Logical Device Configuration Registers
Index
Register Name
Description
70h
Interrupt Number
and Wake-Up on
IRQ Enable
Indicates selected interrupt number.
Bit 4 - Enables wake-up on the IRQ of the logical device. When enabled, IRQ
assertion triggers a wake-up event.
0: Disabled (default)
1: Enabled
Bits 3-0 select the interrupt number. A value of 1 selects IRQ1, a value of 2 selects
IRQ2, etc. (up to IRQ15). IRQ0 is not a valid interrupt selection.
71h
Interrupt Request
Type Select
Indicates the type and level of the interrupt request number selected in the previous
register.
Bit 0 - Type of interrupt request selected in previous register
0: Edge
1: Level
Bit 1 - Level of interrupt request selected in previous register
0: Low polarity
1: High polarity
Index
Register Name
Description
74h
DMA Channel
Select 0
Indicates selected DMA channel for DMA 0 of the logical device (0 - The first DMA
channel in case of using more than one DMA channel).
Bits 2-0 select the DMA channel for DMA 0. The valid choices are 0-3, where a
value of 0 selects DMA channel 0, 1 selects channel 1, etc.
A value of 4 indicates that no DMA channel is active.
The values 5-7 are reserved.
75h
DMA Channel
Select 1
Indicates selected DMA channel for DMA 1 of the logical device (1 - The second
DMA channel in case of using more than one DMA channel).
Bits 2-0 select the DMA channel for DMA 1. The valid choices are 0-3, where a
value of 0 selects DMA channel 0, 1 selects channel 1, etc.
A value of 4 indicates that no DMA channel is active.
The values 5-7 are reserved.
Index
Register Name
Description
F0h-FEh
Logical Device
Configuration
Special (vendor-defined) configuration options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com