Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 53Page - National Semiconductor (TI) PC87366 Datasheet HTML 54Page - National Semiconductor (TI) PC87366 Datasheet HTML 55Page - National Semiconductor (TI) PC87366 Datasheet HTML 56Page - National Semiconductor (TI) PC87366 Datasheet HTML 57Page - National Semiconductor (TI) PC87366 Datasheet HTML 58Page - National Semiconductor (TI) PC87366 Datasheet HTML 59Page - National Semiconductor (TI) PC87366 Datasheet HTML 60Page - National Semiconductor (TI) PC87366 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
57
www.national.com
2.9.3
FDC Configuration Register
This register is reset by hardware to 24h.
Location:
Index F0h
Type:
R/W
Bit
76543210
Name
Reserved
TDR
Register
Mode
DENSEL
Polarity
Control
Reserved
Write
Protect
PC-AT or
PS/2 Drive
Mode Select
Reserved
TRI-STATE
Control
Reset
00100100
Required
0
0
Bit
Description
7
Reserved. Must be 0.
6
TDR Register Mode
0: PC-AT compatible drive mode; i.e., bits 7-2 of the TDR are 111111b (default)
1: Enhanced drive mode
5
DENSEL Polarity Control
0: Active low for 500 Kbps or 1 Mbps data rates
1: Active high for 500 Kbps or 1 Mbps data rates (default)
4
Reserved. Must be 0.
3
Write Protect. This bit allows forcing of write protect functionality by software. When set, writes to the floppy
disk drive are disabled. This effect is identical to WP when it is active.
0: Write protected according to WP signal (default)
1: Write protected regardless of value of WP signal
2
PC-AT or PS/2 Drive Mode Select
0: PS/2 drive mode
1: PC-AT drive mode (default)
1
Reserved
0
TRI-STATE Control. When enabled and the device is inactive, the logical device output pins are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com