Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 32Page - National Semiconductor (TI) PC87366 Datasheet HTML 33Page - National Semiconductor (TI) PC87366 Datasheet HTML 34Page - National Semiconductor (TI) PC87366 Datasheet HTML 35Page - National Semiconductor (TI) PC87366 Datasheet HTML 36Page - National Semiconductor (TI) PC87366 Datasheet HTML 37Page - National Semiconductor (TI) PC87366 Datasheet HTML 38Page - National Semiconductor (TI) PC87366 Datasheet HTML 39Page - National Semiconductor (TI) PC87366 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
36
www.national.com
2.2.2
Banked Logical Device Registers Structure
Each functional block is associated with a Logical Device Number (LDN). The configuration registers are grouped into banks,
where each bank holds the standard configuration registers of the corresponding logical device. Table 6 shows the LDN
values of the PC87366 functional blocks.
Figure 2 shows the structure of the standard configuration register file. The SuperI/O control and configuration registers are
not banked and are accessed by the Index-Data register pair only, as described above. However, the device control and
device configuration registers are duplicated over 15 banks for 15 logical devices. Therefore, accessing a specific register
in a specific bank is performed by two dimensional indexing, where the LDN register selects the bank (or logical device) and
the Index register selects the register within the bank. Accessing the Data register while the Index register holds a value of
30h or higher results in a physical access to the Logical Device Configuration registers currently pointed to by the Index
register, within the logical device currently selected by the LDN register.
Figure 2. Structure of the Standard Configuration Register File
Table 6. Logical Device Number (LDN) Assignments
LDN
Functional Block
00h
Floppy Disk Controller (FDC)
01h
Parallel Port (PP)
02h
Serial Port 2 with IR (SP2)
03h
Serial Port 1 (SP1)
04h
System Wake-Up Control (SWC)
05h
Keyboard and Mouse Controller (KBC) - Mouse interface
06h
Keyboard and Mouse Controller (KBC) - Keyboard interface
07h
General-Purpose I/O (GPIO) Ports
08h
ACCESS.bus Interface (ACB)
09h
Fan Speed Control and Monitor (FSCM)
0Ah
WATCHDOG Timer (WDT)
0Bh
Game Port (GMP)
0Ch
Musical Instrument Digital Interface (MIDI) Port
0Dh
Voltage Level Monitor (VLM)
0Eh
Temperature Sensor (TMS)
07h
20h
30h
60h
75h
FEh
Logical Device Number Register
SuperI/O Configuration Registers
Logical Device Control Register
Standard Logical Device
Special (Vendor-defined)
Configuration Registers
Banks
2Fh
F0h
Bank Select
63h
74h
70h
71h
Configuration Registers
(One per Logical Device)
Logical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com