Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 47Page - National Semiconductor (TI) PC87366 Datasheet HTML 48Page - National Semiconductor (TI) PC87366 Datasheet HTML 49Page - National Semiconductor (TI) PC87366 Datasheet HTML 50Page - National Semiconductor (TI) PC87366 Datasheet HTML 51Page - National Semiconductor (TI) PC87366 Datasheet HTML 52Page - National Semiconductor (TI) PC87366 Datasheet HTML 53Page - National Semiconductor (TI) PC87366 Datasheet HTML 54Page - National Semiconductor (TI) PC87366 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
51
www.national.com
2.8.8
SuperI/O Configuration 8 Register (SIOCF8)
Location:
Index 28h
Type:
R/W
Bit
76
5
43210
Name
VLM to SMI
Enable
TMS to SMI
Enable
CHASO to
SMI Enable
Mouse IRQ
to SMI
Enable
KBD IRQ to
SMI Enable
KBD P12 to
SMI Enable
GPI to SMI
Enable
WDO to SMI
Enable
Reset
0
0
0
00000
Bit
Description
7
VLM to SMI Enable
0: Disabled (default)
1: Enabled
6
TMS to SMI Enable
0: Disabled (default)
1: Enabled
5
CHASO to SMI Enable
0: Disabled (default)
1: Enabled:
4
Mouse IRQ to SMI Enable
0: Disabled (default)
1: Enabled
3
KBD IRQ to SMI Enable
0: Disabled (default)
1: Enabled
2
KBD P12 to SMI Enable
0: Disabled (default)
1: Enabled
1
GPI to SMI Enable
0: Disabled (default)
1: Enabled
0
WDO to SMI Enable
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com