Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 26Page - National Semiconductor (TI) PC87366 Datasheet HTML 27Page - National Semiconductor (TI) PC87366 Datasheet HTML 28Page - National Semiconductor (TI) PC87366 Datasheet HTML 29Page - National Semiconductor (TI) PC87366 Datasheet HTML 30Page - National Semiconductor (TI) PC87366 Datasheet HTML 31Page - National Semiconductor (TI) PC87366 Datasheet HTML 32Page - National Semiconductor (TI) PC87366 Datasheet HTML 33Page - National Semiconductor (TI) PC87366 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 240 page
background image
1.0 Signal/Pin Connection and Description (Continued)
30
www.national.com
1.4.15
Strap Configuration
1.4.16
System Hardware Monitoring
Signal
Pin/s
I/O Buffer Type Power Well
Description
BADDR
101
I
INSTRP
VDD
Base Address. Sampled by the trailing edge of the system reset
to determine the base address of the configuration Index-Data
register pair. During reset, it is pulled down by internal 30Kohm
resistor.
If no pull-up resistor is connected, it is sampled low, setting the
Index-Data pair at 2Eh-2Fh.
Connecting a 10K external pull-up resistor to VDD would make it
sample high, setting the Index-Data pair at 4Eh-4Fh.
PSLDC0
PSLDC1
99
107
I
INSTRP
VSB
Note 1.
Note 1.Make sure that the Serial Port driver is back-drive protected.
Power Supply and LED Configuration. If no pull-up resistor is
connected to these pins, pins 33-35 and 37 function as
PWBTOUT, PSON, PWBTIN and SLPS5 respectively.
Connecting a 10K external pull-up resistor to VSB causes these
pins to function as GPOS0, GPOS1, GPIS2, and AVI0,
respectively.
PSONPOL
109
I
INSTRP
VSB
Note 1.
Power Supply On Polarity. If no pull-up resistor is connected to
this pin, PSON is set active low with open-drain output.
Connecting a 10K external pull-up resistor to VSB causes PSON
to be set to active high with push-pull output.
TEST
98
I
INSTRP
VDD
Test. If sampled high on the trailing edge of system reset, this
signal forces the device into test mode. This pin is for National
Semiconductor use only, and should be left unconnected.
Signal
Pin(s)
I/O
Buffer Type Power Well
Description
ALARM
27
O
OD6
VSB
Alarm. Alerts on voltage input mismatch
AVI0-6
37-43
I
INAN1
AVDD
Analog Voltage Inputs. Analog inputs of the A/D converter.
D1N
D2N
47
49
I
INAN3
AVDD
Diode Cathode. Diodes 1 and 2 return current sink. Must be
grounded when not used.
D1P
D2P
48
50
O
OAN2
AVDD
Diode Anode. Diodes 1 and 2 current source. Connected to
remote discrete diodes
OTS1
OTS2
24
25
O
OD6
VSB
Overtemperature Shutdown. Indicate that an overtemperature
was detected. See Section 2.8.9, the SuperI/O Configuration A
register, bit 0, for further details on which pin/s is/are active for
remote and local temperature sensing.
TS1-3
47-49
I
INAN1
AVDD
Thermistor Sensors. Analog inputs.
VREF
46
I/O
INAN2, OAN1
AVDD
Reference Voltage. Provides reference voltage for the on-chip
A/D circuits. An external reference voltage should be connected to
this input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com