Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 76Page - National Semiconductor (TI) PC87366 Datasheet HTML 77Page - National Semiconductor (TI) PC87366 Datasheet HTML 78Page - National Semiconductor (TI) PC87366 Datasheet HTML 79Page - National Semiconductor (TI) PC87366 Datasheet HTML 80Page - National Semiconductor (TI) PC87366 Datasheet HTML 81Page - National Semiconductor (TI) PC87366 Datasheet HTML 82Page - National Semiconductor (TI) PC87366 Datasheet HTML 83Page - National Semiconductor (TI) PC87366 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
80
www.national.com
2.21 VOLTAGE LEVEL MONITOR (VLM) CONFIGURATION
2.21.1
Logical Device 13 (VLM) Configuration
Table 36 lists the configuration registers which affect the VLM. See Sections 2.2.3 and 2.2.4 for a detailed description of
these registers.
Table 36. VLM Configuration Registers
2.22 TEMPERATURE SENSOR (TMS) CONFIGURATION
2.22.1
Logical Device 14 (TMS) Configuration
Table 37 lists the configuration registers which affect the TMS. See Sections 2.2.3 and 2.2.4 for a detailed description of
these registers.The OTS, ALERT, IRQ and SMI signals are routed through the configuration module. OTS is routed to a pin,
IRQ and SMI are routed to a designated interrupt signal, and ALERT is not connected. When measuring temperature using
thermistors that are connected to the VLM module., the OTS, ALERT, SMI and IRQ signals are routed through the TMS
configuration. Therefore, ensure that you set the TMS configuration registers (described in Table 37) and enable the TMS
module whenever temperature measurement is in use. In the TMS or VLM module, enable the required source of IRQ, SMI
and OTS signals via the configuration registers inside the module.
Table 37. TMS Configuration Registers
Index
Configuration Register or Action
Type
Reset
30h
Activate. When bit 0 is cleared, the registers of this logical device are not
accessible.
R/W
00h
60h
Base Address MSB register
R/W
00h
61h
Base Address LSB register. Bits 3-0 (for A3-0) are read only, 0000b.
R/W
00h
70h
Interrupt Number
R/W
00h
71h
Interrupt Type. Bit 1 is read/write. Other bits are read only.
R/W
03h
74h
Report no DMA assignment
RO
04h
75h
Report no DMA assignment
RO
04h
Index
Configuration Register or Action
Type
Reset
30h
Activate. When bit 0 is cleared, the registers of this logical device are not
accessible.
R/W
00h
60h
Base Address MSB register
R/W
00h
61h
Base Address LSB register. Bits 3-0 (for A3-0) are read only, 0000b.
R/W
00h
70h
Interrupt Number
R/W
00h
71h
Interrupt Type. Bit 1 is read/write. Other bits are read only.
R/W
03h
74h
Report no DMA assignment
RO
04h
75h
Report no DMA assignment
RO
04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com