Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 48Page - National Semiconductor (TI) PC87366 Datasheet HTML 49Page - National Semiconductor (TI) PC87366 Datasheet HTML 50Page - National Semiconductor (TI) PC87366 Datasheet HTML 51Page - National Semiconductor (TI) PC87366 Datasheet HTML 52Page - National Semiconductor (TI) PC87366 Datasheet HTML 53Page - National Semiconductor (TI) PC87366 Datasheet HTML 54Page - National Semiconductor (TI) PC87366 Datasheet HTML 55Page - National Semiconductor (TI) PC87366 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
52
www.national.com
2.8.9
SuperI/O Configuration A Register (SIOCFA)
This is a battery-backed register.
Location:
Index 2Ah
Type:
Varies per bit
Bit
76543210
Name
Pins 33-37
Function
Select
Pin 28
Function
Select
PIn 27
Function
Select
Pin 26
Function
Select
Pin 25
Function
Select
Pin 24
Function
Select
Reset
Strap
0000000
Bit
Description
Pins 33-37 Function Select. This is a RO bit. The function of the pin selected is determined during VSB
power-up by the PSLDC0.1 straps.0:PWBTOUT, PSON, PWBTIN, SLPS3, SLPS5
1: GPOS0, GPOS1, GPIS2, SLPS3, AVI0
6
Pin 28 Function Select. This is a R/W bit.
0: GPIOE5 (default at VPP power-up reset)
1: CHASO
5-4
PIn 27 Function Select. This is a R/W bit.
Bits
5 4
Function
0 0
GPIOE4 (default at VPP power-up reset)
0 1
RING
1 0
ALARM
Other
Reserved
3
Pin 26 Function Select. This is a R/W bit.
0: GPIOE3 (default at VPP power-up reset)
1: LED2
2-1
Pin 25 Function Select. This is a R/W bit.
Bits
2 1
Function
0 0
GPIOE2 (default at VPP power-up reset)
0 1
LED1
1 0
OTS2 (can be enabled only if OTS1 is enabled)
Other
Reserved
0
Pin 24 Function Select
0: GPIOE1 (default at VPP power-up reset)
1: OTS1. OTS1 functionality changes when OTS2 is enabled. The following table summarizes which OTS output
is affected when an overtemperature is detected by any of the sources. A Y indicates that the pin is active for
this condition; an N indicates that it is inactive.
Source
1 OTS Pin
2 OTS Pins
OTS1
OTS1
OTS2
Remote 1
Y
Y
N
Remote 2
Y
N
Y
Local
Y
Y
N
VLM
Y
Y
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com