Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 33Page - National Semiconductor (TI) PC87366 Datasheet HTML 34Page - National Semiconductor (TI) PC87366 Datasheet HTML 35Page - National Semiconductor (TI) PC87366 Datasheet HTML 36Page - National Semiconductor (TI) PC87366 Datasheet HTML 37Page - National Semiconductor (TI) PC87366 Datasheet HTML 38Page - National Semiconductor (TI) PC87366 Datasheet HTML 39Page - National Semiconductor (TI) PC87366 Datasheet HTML 40Page - National Semiconductor (TI) PC87366 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
37
www.national.com
Write accesses to unimplemented registers (i.e. accessing the Data register while the Index register points to a non-existing
register), are ignored and read returns 00h on all addresses except for 74h and 75h (DMA configuration registers) which
returns 04h (indicating no DMA channel is active). The configuration registers are accessible immediately after reset.
2.2.3
Standard Logical Device Configuration Register Definitions
Unless otherwise noted in Tables 7 through 12:
q
All registers are read/write.
q
All reserved bits return 0 on reads, except where noted otherwise. They must not be modified as it may cause un-
predictable results. Use read-modify-write to prevent the values of reserved bits from being changed during write.
q
Write only registers should not use read-modify-write during updates.
Table 7. Standard Control Registers
Table 8. Logical Device Activate Register
Table 9. I/O Space Configuration Registers
Index
Register Name
Description
07h
Logical Device
Number
This register selects the current logical device. See Table 6 for valid numbers. All
other values are reserved.
20h - 2Fh
SuperI/O
Configuration
SuperI/O configuration registers and ID registers
Index
Register Name
Description
30h
Activate
Bit 0 - Logical device activation control
0: Disabled
1: Enabled
Bits 7-1 - Reserved
Index
Register Name
Description
60h
I/O Port Base
Address Bits (15-8)
Descriptor 0
Indicates selected I/O lower limit address bits 15-8 for I/O Descriptor 0.
61h
I/O Port Base
Address Bits (7-0)
Descriptor 0
Indicates selected I/O lower limit address bits 7-0 for I/O Descriptor 0.
62h
I/O Port Base
Address Bits (15-8)
Descriptor 1
Indicates selected I/O lower limit address bits 15-8 for I/O Descriptor 1.
63h
I/O Port Base
Address Bits (7-0)
Descriptor 1
Indicates selected I/O lower limit address bits 7-0 for I/O Descriptor 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com