Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 38Page - National Semiconductor (TI) PC87366 Datasheet HTML 39Page - National Semiconductor (TI) PC87366 Datasheet HTML 40Page - National Semiconductor (TI) PC87366 Datasheet HTML 41Page - National Semiconductor (TI) PC87366 Datasheet HTML 42Page - National Semiconductor (TI) PC87366 Datasheet HTML 43Page - National Semiconductor (TI) PC87366 Datasheet HTML 44Page - National Semiconductor (TI) PC87366 Datasheet HTML 45Page - National Semiconductor (TI) PC87366 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
42
www.national.com
2.3.3
GPIO Pin Function Lock
The PC87366 is capable of locking the attributes of each GPIO or Standby GPIO pin. The following attributes can be locked:
q
Output enable
q
Output type
q
Static pull-up
q
Driven data.
GPIO pins are locked per pin by setting the Lock bit in the appropriate GPIO Pin Configuration register. When the Lock bit
is set, the configuration of the associated GPIO pin can only be released by a hardware reset.
Standby GPIO pins are locked in the same manner by setting the Lock bit in the appropriate Standby GPIO Pin Configuration
registers. However, once a Standby GPIO pin is locked, its locked attributes can only be released with a VSB power-up reset.
2.4
POWER SUPPLY CONTROL (PSC)
The PC87366 includes hardware that can be used to ease the system’s control over the computer’s power supply. This hard-
ware is implemented as a state machine that determines the required state of the power supply based on several input sig-
nals, and also connects to the system’s ACPI controller to share information about the system’s power state via specific
interface signals.
The PSC uses the pin functions SLPS3, SLPS5, PWBTIN, PWBTOUT and PSON. These functions are optional on their
respective pins and must be selected to enable the PSC by setting the values of the PSLDC0,1 strap pins (see Table 14).
Once enabled, the PSC can be operated in one of two modes, according to the value of bit 0 (Power Button Mode) of the
SIOCFD register:
q
ACPI mode
q
Legacy mode
ACPI Mode
When the PSC is operated in ACPI mode (bit 0 of the SIOCFD register is set to 1), the ACPI controller of the system controls
the system’s power supply by means of the SLPS3 state. When SLPS3 is set to 0, the power supply turns off; when it is set
to 1, the power supply turns on. The state of the PSON output signal (either ON or OFF) is identical to the state of the SLPS3
input signal. The polarity of PSON is set by the PSONPOL strap.
The only case in which the PSC affects the value of the PSON output is when a Crowbar condition occurs. A Crowbar con-
dition is defined as the state in which PSON has been active for a certain period of time, but the system’s power supply
remains inactive. In this case, PSON is forced inactive, and the PWBTOUT output is pulsed to indicate to the ACPI controller
that SLPS3 must be driven low, thus indirectly inactivating PSON and preventing a deadlock. For a detailed description of
the Crowbar mechanism, see “Crowbar Condition” below.
In ACPI mode, during regular operation, the PWBTOUT output is pulsed when either of the following events occurs:
q
PWBTIN is pulsed.
q
A wake-up event, that is routed to PWBTOUT.
A wake-up event that is routed to the power button output can cause PWBTOUT to be pulsed in ACPI mode if one of the
following conditions is met:
q
SLPS5 is active.
q
Enable Power Button Pulse on S3 (bit 3) of the SWC WK_CFG register is set to 1.
However, when in ACPI mode, PWBTIN and PWBTOUT activity has no effect on the PSON output. The power button mech-
anism can have an indirect effect on PSON only if PWBTOUT is connected to the power button input of the ACPI controller,
thus affecting the SLPS3 signal.
Legacy Mode
When the PSC is operated in Legacy mode (bit 0 of the SIOCFD register is set to 0), the PC87366 controls the system’s
power supply. In this mode, the PSON output signal is set by the PC87366 according to the following factors: the state of
input signals, the state of the power supply lines, power button activity and certain configuration bits. Although the ACPI con-
troller does not control the system’s power supply, it tracks the system’s power state. For this purpose, the PC87366 ma-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com