Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 58Page - National Semiconductor (TI) PC87366 Datasheet HTML 59Page - National Semiconductor (TI) PC87366 Datasheet HTML 60Page - National Semiconductor (TI) PC87366 Datasheet HTML 61Page - National Semiconductor (TI) PC87366 Datasheet HTML 62Page - National Semiconductor (TI) PC87366 Datasheet HTML 63Page - National Semiconductor (TI) PC87366 Datasheet HTML 64Page - National Semiconductor (TI) PC87366 Datasheet HTML 65Page - National Semiconductor (TI) PC87366 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
62
www.national.com
2.12 SERIAL PORT 1 CONFIGURATION
2.12.1
Logical Device 3 (SP1) Configuration
Table 23 lists the configuration registers which affect the Serial Port 2. Only the last register (F0h) is described here. See
Sections 2.2.3 and 2.2.4 for descriptions of the others.
Table 23. Serial Port 1 Configuration Registers
2.12.2
Serial Port 1 Configuration Register
This register is reset by hardware to 02h.
Location:
Index F0h
Type:
R/W
Index
Configuration Register or Action
Type
Reset
30h Activate. See also bit 0 of the SIOCF1 register and bit 3 of the SIOCF6 register. R/W
00h
60h Base Address MSB register. Bits 7-3 (for A15-11) are read only, 00000b.
R/W
03h
61h Base Address LSB register. Bit 2-0 (for A2-0) are read only, 000b.
R/W
F8h
70h Interrupt Number and Wake-Up on IRQ Enable register
R/W
04h
71h Interrupt Type. Bit 1 is R/W; other bits are read only.
R/W
03h
74h Report no DMA Assignment
RO
04h
75h Report no DMA Assignment
RO
04h
F0h Serial Port 1 Configuration register
R/W
02h
Bit
76543210
Name
Bank
Select
Enable
Reserved
Busy
Indicator
Power
Mode
Control
TRI-STATE
Control
Reset
00000010
Bit
Description
7
Bank Select Enable. Enables bank switching for Serial Port 1.
0: Disabled (default).
1: Enabled
6-3
Reserved
2
Busy Indicator. This read only bit can be used by power management software to decide when to power-down
the Serial Port 1 logical device.
0: No transfer in progress (default).
1: Transfer in progress.
1
Power Mode Control. When the logical device is active in:
0: Low power mode
Serial Port 1 Clock disabled. The output signals are set to their default states. The RI input signal can be
programmed to generate an interrupt. Registers are maintained. (Unlike Active bit in Index 30 that also
prevents access to Serial Port 1 registers.)
1: Normal power mode
Serial Port 1 clock enabled. Serial Port 1 is functional when the logical device is active (default).
0
TRI-STATE Control. When enabled and the device is inactive, the logical device output pins are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com