Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 39Page - National Semiconductor (TI) PC87366 Datasheet HTML 40Page - National Semiconductor (TI) PC87366 Datasheet HTML 41Page - National Semiconductor (TI) PC87366 Datasheet HTML 42Page - National Semiconductor (TI) PC87366 Datasheet HTML 43Page - National Semiconductor (TI) PC87366 Datasheet HTML 44Page - National Semiconductor (TI) PC87366 Datasheet HTML 45Page - National Semiconductor (TI) PC87366 Datasheet HTML 46Page - National Semiconductor (TI) PC87366 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 240 page
background image
2.0 Device Architecture and Configuration (Continued)
43
www.national.com
nipulates the PWBTOUT so that the ACPI controller is always synchronized with the actual state of the PSON output. This
synchronization mechanism assumes that PWBTOUT is connected to the power button input of the ACPI controller. See a
schematic state diagram of the Legacy PSC mechanism in Figure 4.
Figure 4. Legacy Power Supply Control State Diagram
When VSB is first applied, the PSC state machine is initialized to Power Fail state. In this state, the mechanism waits for the
PC87366 to be initialized according to strap options. Then the PSC enters Check Resume Mode state. In this state, the PSC
checks if Resume to Last PSON state is enabled.
If Resume to Last PSON is enabled, PSON immediately resumes the state it was in when VSB was lost. To enable this mech-
anism, set bit 2 of the SIOCFD register to 1, and program the ACPI controller to resume OFF state (SLPS3 = 0) after power
fail recovery to allow the PSC to operate properly. If the last state of PSON was OFF, assuming that the ACPI controller also
resumed OFF state, PSON is set to inactive and the PSC enters OFF state. If the last state was ON, under the same as-
sumption, the ACPI controller must be notified to change its state to ON. This is done by pulsing the PWBTOUT output. This
synchronization pulse is generated when the PSC is in Synchronize ACPI state.
If Resume Last PSON State is disabled, the PSC enters either ON or OFF state according to the value of the SLPS3 input,
as follows:
q
If SLPS3 is low (active, state OFF), the PSC enters OFF state.
q
If SLPS3 is high (inactive, state ON), the PSC enters ON state.
Since SLPS3 reflects the state of the ACPI controller, the PSC actually resumes the current state of the ACPI controller.
After entering either ON or OFF states, PSC moves between these two states on the following conditions:
q
A falling edge on PWBTOUT (generated internally) changes the state from ON to OFF or vice versa.
q
A Software Power Supply Off command, writing 1 to Power Supply Off (bit 1) of the SIOCFD register, changes the
state from ON to OFF.
Since many wake-up events can activate the PWBTOUT signal, these events can actually cause the PSC to change its state
from OFF to ON, thus activating the PSON output.
As in ACPI mode, the Crowbar protection mechanism is also active in Legacy mode. However, in this mode, when a Crowbar
condition is detected, the PSC returns to OFF state, thus inactivating the PSON output. Also, to synchronize the APCI con-
troller, the PWBTOUT is pulsed to bring it to the correct state.
Table 13 summarizes the bit states that affect PSON VSB power-up default state.
Power
Fail
ON
OFF
Synchronize
ACPI
Check
Resume
Mode
VSB
Power-Up
Reset
VSB Present AND Straps Sampled
Resume AND Last State Is OFF
OR
No Resume AND ACPI Is OFF
No Resume AND ACPI Is ON
Resume AND Last State is ON
Synchronization Done
PWBTOUT Falling Edge
PWBTOUT Falling Edge
OR
Software Power Supply Off Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com