Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 86Page - National Semiconductor (TI) PC87366 Datasheet HTML 87Page - National Semiconductor (TI) PC87366 Datasheet HTML 88Page - National Semiconductor (TI) PC87366 Datasheet HTML 89Page - National Semiconductor (TI) PC87366 Datasheet HTML 90Page - National Semiconductor (TI) PC87366 Datasheet HTML 91Page - National Semiconductor (TI) PC87366 Datasheet HTML 92Page - National Semiconductor (TI) PC87366 Datasheet HTML 93Page - National Semiconductor (TI) PC87366 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 240 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
90
www.national.com
3.4.4
Wake-Up Events Enable Register (WK_EN0)
This register is set to 00h on power-up of VPP or software reset. Detected wake-up events that are enabled activate the
PWUREQ signal.
Location:
Offset 02h
Type:
R/W
Bit
76543210
Name
Module IRQ
Event
Enable
Software
Event
Enable
GPIO Event
Enable
CEIR
Event
Enable
Mouse
Event
Enable
KBD
Event
Enable
RI2
Event
Enable
RI1
Event
Enable
Reset
00000000
Bit
Description
7
Module IRQ Event Enable
0: Disabled (default)
1: Enabled
6
Software Event Enable
0: Disabled (default)
1: Enabled
5
GPIO Event Enable
0: Disabled (default)
1: Enabled
4
CEIR Event Enable
0: Disabled (default)
1: Enabled
3
Mouse Event Enable
0: Disabled (default)
1: Enabled
2
KBD Event Enable
0: Disabled (default)
1: Enabled
1
RI2 Event Enable
0: Disabled (default)
1: Enabled
0
RI1 Event Enable
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com