Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 146 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 146 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 142Page - National Semiconductor (TI) PC87366 Datasheet HTML 143Page - National Semiconductor (TI) PC87366 Datasheet HTML 144Page - National Semiconductor (TI) PC87366 Datasheet HTML 145Page - National Semiconductor (TI) PC87366 Datasheet HTML 146Page - National Semiconductor (TI) PC87366 Datasheet HTML 147Page - National Semiconductor (TI) PC87366 Datasheet HTML 148Page - National Semiconductor (TI) PC87366 Datasheet HTML 149Page - National Semiconductor (TI) PC87366 Datasheet HTML 150Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 240 page
background image
8.0 ACCESS.bus Interface (ACB) (Continued)
146
www.national.com
Master Receive
After becoming the bus master, the device can start receiving data on the ACCESS.bus.
To receive a byte in an interrupt or polling operation, the software should:
1. Check that the SDAST bit of the ACBST register is set and that the BER bit is cleared. If the STASTRE bit of the
ACBCTL1 register is set, also check that the STASTRE bit of the ACBST register is cleared (and clear it if required).
2. Set the ACK bit of the ACBCTL1 register to 1, if the next byte is the last byte that should be read. This causes a negative
acknowledge to be sent.
3. Read the data byte from the ACBSDA register.
Before receiving the last byte of data, set the ACK bit of the ACBCTL1 register.
Master Stop
To end a transaction, set the STOP bit of the ACBCTL1 register before clearing the current stall flag (i.e., the SDAST,
NEGACK or STASTR bit of the ACBST register). This causes the ACB to send a Stop Condition immediately, and to clear
the STOP bit of the ACBCTL1 register. A Stop Condition may be issued only when the device is the active bus master (the
MASTER bit of the ACBST register is set).
Master Bus Stall
The ACB can stall the ACCESS.bus between transfers while waiting for the host response. The ACCESS.bus is stalled by
holding the SCL signal low after the acknowledge cycle. Note that this is interpreted as the beginning of the following bus
operation. The user must make sure that the next operation is prepared before the flag that causes the bus stall is cleared.
The flags that can cause a bus stall in master mode are:
q
Negative acknowledge after sending a byte (NEGACK bit of the ACBST register =1).
q
SDAST bit of the ACBST register =1.
q
STASTRE bit of the ACBCTL1 register =1, after a successful start (STASTR bit of the ACBST register =1).
Repeated Start
A repeated start is performed when the device is already the bus master (MASTER bit of the ACBST register is set). In this
case, the ACCESS.bus is stalled and the ACB awaits host handling due to the following states in the ACBST register: neg-
ative acknowledge (NEGACK bit =1), empty buffer (SDAST bit =1) and/or a stall after start (STASTR bit =1).
For a repeated start:
1. Set the START bit of the ACBCTL1 register =1.
2. In master receive mode, read the last data item from ACBSDA.
3. Follow the address send sequence, as described in “Sending the Address Byte”.
4. If the ACB was awaiting handling (STASTR bit of the ACBST register =1), clear it only after writing the requested address
and direction to ACBSDA.
Master Error Detection
The ACB detects illegal Start or Stop Conditions (i.e., a Start or Stop Condition within the data transfer, or the acknowledge
cycle) and a conflict on the data lines of the ACCESS.bus. If an illegal condition is detected, BER is set, and master mode
is exited (MASTER bit of the ACBST. register is cleared).
Bus Idle Error Recovery
When a request to become the active bus master or a restart operation fails, the BER bit of the ACBST register is set to
indicate the error. In some cases, both the device and the other device may identify the failure and leave the bus idle. In this
case, the start sequence may be incomplete and the ACCESS.bus may remain deadlocked.
To recover from deadlock, use the following sequence:
1. Clear the BER and BB bits of the ACBCST register.
2. Wait for a timeout period to check that there is no other active master on the bus (the BB bit remains cleared).
3. Disable, and re-enable the ACB to put it in the non-addressed slave mode. This completely resets the functional block.
At this point, some of the slaves may not identify the bus error. To recover, the ACB becomes the bus master: it asserts a
Start Condition, sends an address byte, then asserts a Stop Condition which synchronizes all the slaves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com