Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 190 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 190 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 186Page - National Semiconductor (TI) PC87366 Datasheet HTML 187Page - National Semiconductor (TI) PC87366 Datasheet HTML 188Page - National Semiconductor (TI) PC87366 Datasheet HTML 189Page - National Semiconductor (TI) PC87366 Datasheet HTML 190Page - National Semiconductor (TI) PC87366 Datasheet HTML 191Page - National Semiconductor (TI) PC87366 Datasheet HTML 192Page - National Semiconductor (TI) PC87366 Datasheet HTML 193Page - National Semiconductor (TI) PC87366 Datasheet HTML 194Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
190
www.national.com
11.5.12 Voltage Channel Configuration and Status Register (VCHCFST)
This register indicates the current channel status.
Location:
Offset 0Ah - Banks 0 through 10
Type:
Varies per bit
Location:
Offset 0Ah - Bank 11 through 13
Type:
Varies per bit
Bit
76543210
Name
End of
Conversion
Reserved
ALARM
Output
Enable
Reserved
Channel
High Limit
Exceeded
Channel
Low Limit
Exceeded
Channel
Enable
Reset
00000000
Bit
76543210
Name
End of
Conversion
Reserved
ALARM
Output
Enable
Channel
Overtemp
Limit
Exceeded
Channel
High Limit
Exceeded
Channel
Low Limit
Exceeded
Channel
Enable
Reset
00000000
Bit
Type
Description
7
RW1C End of Conversion. This bit indicates that RDCHV register holdes new data. It is set when new data is
written into RDCHV as a result of completing a conversion for this channel. It is cleared by writing 1 to
this bit.
0: No new data (default)
1: New data not yet read
6-5
Reserved
4
R/W ALARM Output Enable
0: Disabled (default)
1: Enabled
3
RW1C Channel Overtemperature Limit Exceeded. Banks 11 through 13.
0: Voltage read, indicating overtemperature limit exceeded (default)
1: OTS signal set, indicating overtemperature limit exceeded
2
RW1C Channel High Limit Exceeded
0: Voltage lower than limit (default)
1: Voltage higher than limit
1
RW1C Channel Low Limit Exceeded
0: Voltage higher than limit (default)
1: Voltage lower than limit
0
R/W Channel Enable
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com