Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 198 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 198 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 194Page - National Semiconductor (TI) PC87366 Datasheet HTML 195Page - National Semiconductor (TI) PC87366 Datasheet HTML 196Page - National Semiconductor (TI) PC87366 Datasheet HTML 197Page - National Semiconductor (TI) PC87366 Datasheet HTML 198Page - National Semiconductor (TI) PC87366 Datasheet HTML 199Page - National Semiconductor (TI) PC87366 Datasheet HTML 200Page - National Semiconductor (TI) PC87366 Datasheet HTML 201Page - National Semiconductor (TI) PC87366 Datasheet HTML 202Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 240 page
background image
12.0 Temperature Sensor (TMS) (Continued)
198
www.national.com
5. Local and Remote TOS set to 127°C
6. Local and Remote THIGH set to 127°C
7. Local and Remote TLOW set to -55°C
12.2.5
Temperature Data Format
Temperature data is stored in the RDCHT, CHTH, CHTL and CHOTL registers as an 8-bit, 2’s compliment word with a Least
Significant Bit (LSB) equal to 1
° C.
Table 53. Temperature Formats
Figure 44. Temperature-to-Digital Transfer Function (Non-linear scale for clarity)
12.2.6
Standby Mode
Standby mode is enabled by setting the Standby Mode bit in the TMSCFG register to 1 (default). Standby mode disables
the conversion process to reduce power supply current. During standby mode, all registers retain their values and can be
accessed by software (as usual).
12.2.7
Diode Fault Detection
At the beginning of each conversion, the TMS goes through a diode fault detection sequence. If the DxP input is shorted to VDD
or floating, then the temperature reading will be +127
° C and the Open bit of the TCHCFST register is set, which activates the
ALERT and OTS outputs on completion of a conversion. If DxP is shorted to GND or DxN, the temperature reading is O
° C
and the Temperature Low Limit bit of the TCHCFST register is not set.
Temperature
(
°C)
Digital Output
Binary
Hex
+125
0111 1101
7Dh
+25
0001 1001
19h
+1
0000 0001
01h
0
0000 0000
00h
-1
1111 1111
FFh
-25
1110 0111
E7h
0001,1001
0000,0001
0111,1101
1111,1111
1110,0111
1100,1001
+125
°C
Temperature
+25
°C
0000,0000
+1
°C
-25
°C
-55
°C
-1
°C
0
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com