Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 231 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 231 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 227Page - National Semiconductor (TI) PC87366 Datasheet HTML 228Page - National Semiconductor (TI) PC87366 Datasheet HTML 229Page - National Semiconductor (TI) PC87366 Datasheet HTML 230Page - National Semiconductor (TI) PC87366 Datasheet HTML 231Page - National Semiconductor (TI) PC87366 Datasheet HTML 232Page - National Semiconductor (TI) PC87366 Datasheet HTML 233Page - National Semiconductor (TI) PC87366 Datasheet HTML 234Page - National Semiconductor (TI) PC87366 Datasheet HTML 235Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 240 page
background image
14.0 Device Characteristics (Continued)
231
www.national.com
Symbol
Parameter
ConditionsNote 1.
Min
Typ
Max
Unit
TRAC1
Accuracy Using Remote Diode
TA = -40°C to +125°C-9
+8
C
TRAC2
TA = +40°C to +100°C-5
+5
C
TLAC1
Accuracy Using Local Diode
TA = -40°C to +125°C-5
+5
C
TLAC2
TA = +40°C to +100°C-2
+2
C
TRESB
Resolution
8
bits
TRESC
1
°C
VREF
Reference Voltage Input Note 2.
1.211
V
tCONV
Temperature Conversion Time
(per channel)
100
mS
Note 1. All parameters specified for 0
° C ≤ T
A ≤ 70° C.
AVCC= 3.3V ± 10% unless otherwise specified and VREF = 1.211.
Note 2. When using input with value other than specified, temperature reading accuracy is affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com