Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 309 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 309 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 305Page - STMicroelectronics ST10F296E Datasheet HTML 306Page - STMicroelectronics ST10F296E Datasheet HTML 307Page - STMicroelectronics ST10F296E Datasheet HTML 308Page - STMicroelectronics ST10F296E Datasheet HTML 309Page - STMicroelectronics ST10F296E Datasheet HTML 310Page - STMicroelectronics ST10F296E Datasheet HTML 311Page - STMicroelectronics ST10F296E Datasheet HTML 312Page - STMicroelectronics ST10F296E Datasheet HTML 313Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Electrical characteristics
309/346
Transient periods one and two are not influenced by the voltage source that cannot provide
the extra charge to compensate for the voltage drop on CS with respect to the ideal source
VA (due to the presence of the RFCF filter). The time constant RFCF of the filter is very high
with respect to the sampling time (TS). The filter is typically designed to be anti-aliasing (see
Figure 101).
If f0 is the bandwidth of the source signal (and consequently is also the cut-off frequency of
the anti-aliasing filter, fF), then according to Nyquist’s theorem, the conversion rate, fC, must
be at least 2f0. This means that the constant time of the filter is greater than or equal to twice
the conversion period (TC). The conversion period, TC, is longer than the sampling time, TS,
even when fixed channel continuous conversion mode is selected (the fastest conversion
rate at a specific channel). In conclusion, the time constant of the filter RFCF is much higher
than the sampling time, TS, so the charge level on CS cannot be modified by the analog
signal source during the time in which the sampling switch is closed.
Figure 101. Anti-aliasing filter and conversion rate
1.
TC
≤2 RFCF (conversion rate vs. filter pole).
2.
fF = f0 (anti-aliasing filtering condition).
3.
2 f0
≤fC (Nyquist’s theorem).
The considerations above impose new constraints on the external circuit. Accuracy error,
due to the voltage drop on CS, must be reduced. Based on Equation 30 and Equation 31
above, Equation 32 is derived to explain the relationship between the ideal and real sampled
voltage on CS.
Equation 32
In the worst case scenario (VA = 5 V), Equation 32 assumes a maximum error of half a count
(~2.44 mV) which leads to a constraint on the CF value as shown in Equation 33.
Equation 33
f0
f
Analog source bandwidth (VA)
f0
f
Sampled signal spectrum (fC = conversion rate)
fC
f
Anti-aliasing filter (fF = RC filter pole)
fF
Noise
V
A
V
A2
⁄
C
P1
C
P2
C
F
++
()
C
P1
C
P2
C
F
C
S
++
+
()
⁄
=
C
F
2048
C
S
×
>
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com