Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 310 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 310 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 306Page - STMicroelectronics ST10F296E Datasheet HTML 307Page - STMicroelectronics ST10F296E Datasheet HTML 308Page - STMicroelectronics ST10F296E Datasheet HTML 309Page - STMicroelectronics ST10F296E Datasheet HTML 310Page - STMicroelectronics ST10F296E Datasheet HTML 311Page - STMicroelectronics ST10F296E Datasheet HTML 312Page - STMicroelectronics ST10F296E Datasheet HTML 313Page - STMicroelectronics ST10F296E Datasheet HTML 314Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
310/346
24.7.5
Example of external network sizing
This section provides an example of how to design an external network, based on realistic
values for the internal parameters and on a hypothesis concerning the characteristics of the
analog signal to be sampled.
The following hypothesis is formulated to design the external network on the ADC input pins:
–
Analog signal source bandwidth (f0):
10 kHz
–
Conversion rate (fC):
25 kHz
–
Sampling time (TS):
1 µs
–
Pin input capacitance (CP1):
5 pF
–
Pin input routing capacitance (CP2):
1 pF
–
Sampling capacitance (CS):
4 pF
–
Maximum input current injection (IINJ):
3 mA
–
Maximum analog source voltage (VAM): 12 V
–
Analog source impedance (RS):
100
Ω
–
Channel switch resistance (RSW):
500
Ω
–
Sampling switch resistance (RAD):
200
Ω
If designing a filter with the pole at the maximum frequency of the signal, the time constant
of the filter is given in Equation 34:
Equation 34
Using the relationship between CF and CS (Equation 33) and taking some margin (4000
instead of 2048), it is possible to define CF as shown in Equation 35.
Equation 35
Equation 34 and Equation 35 allow the RC to be calculated as shown in Equation 36.
Equation 36
Total series resistance can be calculated using Equation 37 where the current injection
limitation is considered and it is assumed that the source can go up to 12 V.
Equation 37
Equation 37 allows a value for RL to be defined as shown in Equation 38.
R
CCF
12
πf
0
()
⁄
15.9
µs
==
C
F
4000
C
S
×
16nF
==
R
F
12
πf
0CF
()
⁄
995
Ω 1kΩ
≅
==
R
S
R
F
R
L
++
V
AM
I
INJ
⁄
4k
Ω
==
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com