Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 311 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 311 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 307Page - STMicroelectronics ST10F296E Datasheet HTML 308Page - STMicroelectronics ST10F296E Datasheet HTML 309Page - STMicroelectronics ST10F296E Datasheet HTML 310Page - STMicroelectronics ST10F296E Datasheet HTML 311Page - STMicroelectronics ST10F296E Datasheet HTML 312Page - STMicroelectronics ST10F296E Datasheet HTML 313Page - STMicroelectronics ST10F296E Datasheet HTML 314Page - STMicroelectronics ST10F296E Datasheet HTML 315Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Electrical characteristics
311/346
Equation 38
Equation 36, and Equation 38 define respectively the three elements of an external circuit,
RF, CF, and RL. Next, some conditions which are used to size the circuit must be verified.
The first of these is a calculation which allows the accuracy error, introduced by the switched
capacitance equivalent resistance, to be minimized. This is given in Equation 39.
Equation 39
The error due to the voltage partitioning between the real resistive path and CS is less then
half a count if considering the worst case when VA = 5 V (see Equation 40).
Equation 40
The other conditions to verify are if the time constants of the transients are shorter than the
sampling period duration, TS, and whether the distance is significant. These calculations are
given in Equation 41 and Equation 42.
Equation 41
Equation 42
For a complete set of parameter characterization of the ST10F296E ADC equivalent circuit,
refer to Table 166: ADC characteristics on page 302.
24.8
AC characteristics
24.8.1
Test waveforms
Figure 102. Input/output waveforms
1.
AC inputs during testing are driven at 2.4 V for a logic 1 and at 0.4 V for a logic 0.
2.
Timing measurements are made at VIH min. for a logic 1 and VIL max for a logic 0.
R
L
V
AM
I
INJ
⁄
() R
F
–
R
S
2.9k
Ω
=
–
=
R
EQ
1f
CCS
⁄
10M
Ω
==
V
A
R
S
R
F
R
L
R
SW
R
AD
++
+
+
() R
EQ
⁄
×
2.35mV
1
2
⁄
()LSB
<
=
τ
1
R
SW
R
AD
+
() C
S
×
2.8ns
T
S
1
µs
=
«
==
10
τ
2
×
10
R
L
×
C
S
C
P1
C
P2
++
()
×
290ns
T
S
1
µs
=
<
==
2.4 V
0.4 V
Test points
2.0 V
2.0 V
0.8 V
0.8 V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com