Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 320 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 320 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 316Page - STMicroelectronics ST10F296E Datasheet HTML 317Page - STMicroelectronics ST10F296E Datasheet HTML 318Page - STMicroelectronics ST10F296E Datasheet HTML 319Page - STMicroelectronics ST10F296E Datasheet HTML 320Page - STMicroelectronics ST10F296E Datasheet HTML 321Page - STMicroelectronics ST10F296E Datasheet HTML 322Page - STMicroelectronics ST10F296E Datasheet HTML 323Page - STMicroelectronics ST10F296E Datasheet HTML 324Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
320/346
Figure 106. ST10F296ECrystal oscillator and resonator connection diagram
The given values of CA do not include the stray capacitance of the package or of the printed
circuit board. The negative resistance values are calculated assuming an additional 5 pF to
the values in Table 172. The crystal shunt capacitance (C0), the package, and the stray
capacitance between XTAL1 and XTAL2 pins is globally assumed to be 4 pF.
The external resistance between XTAL1 and XTAL2 does not have to be taken into account,
since it is already present on the silicon.
24.8.14
External clock drive XTAL1
When direct drive configuration is selected during reset, it is possible to drive the CPU clock
directly from the XTAL1 pin, without any particular restrictions on the maximum frequency,
since the on-chip oscillator amplifier is bypassed. The speed limit is imposed by internal
logic that targets a maximum CPU frequency of 64 MHz.
In all other clock configurations (direct drive with prescaler or PLL use) the on-chip oscillator
amplifier is not bypassed, so it determines the input clock speed limit. In this case, an
external clock source can be used, but it is limited in the range of frequencies defined for the
use of crystal and resonator (see Table 168 on page 313).
External clock drive timing conditions: VDD = 5 V ±10 %, VSS = 0 V, TA = -40 to 125 °C.
Table 172.
Negative resistance (absolute min value @125 °C/VDD = 4.5 V)
CA (pF)
12
15
18
22
27
33
39
47
4 MHz
460
Ω
550
Ω
675
Ω
800
Ω
840
Ω
1000
Ω
1180
Ω
1200
Ω
8 MHz
380
Ω
460
Ω
540
Ω
640
Ω
580
Ω
--
-
12 MHz
370
Ω
420
Ω
360
Ω
--
--
-
CA
CA
Crystal
Resonator
ST10F296E
ST10F296E
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com